Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4605 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC4605
Description  85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4605 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC4605 Datasheet HTML 14Page - Microchip Technology MIC4605 Datasheet HTML 15Page - Microchip Technology MIC4605 Datasheet HTML 16Page - Microchip Technology MIC4605 Datasheet HTML 17Page - Microchip Technology MIC4605 Datasheet HTML 18Page - Microchip Technology MIC4605 Datasheet HTML 19Page - Microchip Technology MIC4605 Datasheet HTML 20Page - Microchip Technology MIC4605 Datasheet HTML 21Page - Microchip Technology MIC4605 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MIC4605
DS20005853E-page 18
 2018-2019 Microchip Technology Inc.
FIGURE 7-4:
Negative HS Pin Voltage.
7.3
Power Dissipation Considerations
Power dissipation in the driver can be separated into
three areas:
• Internal diode dissipation in the bootstrap circuit
• Internal driver dissipation
• Quiescent current dissipation used to supply the
internal logic and control functions.
7.4
Bootstrap Circuit Power Dissipation
Power dissipation of the internal bootstrap diode primar-
ily comes from the average charging current of the CB
capacitor, multiplied by the forward voltage drop of the
diode. Secondary sources of diode power dissipation
are the reverse leakage current and reverse recovery
effects of the diode.
The average current drawn by repeated charging of the
high-side MOSFET is calculated by:
EQUATION 7-1:
The average power dissipated by the forward voltage
drop of the diode equals:
EQUATION 7-2:
The value of VF should be taken at the peak current
through the diode; however, this current is difficult to cal-
culate because of differences in source impedances.
The peak current can either be measured or the value of
VF at the average current can be used, which will yield a
good approximation of diode power dissipation.
The reverse leakage current of the internal bootstrap
diode is typically 3 µA at a reverse voltage of 85V at
+125°C. Power dissipation due to reverse leakage is
typically much less than 1 mW and can be ignored.
Reverse recovery time is the time required for the
injected minority carriers to be swept away from the
depletion region during turn-off of the diode. Power
dissipation due to reverse recovery can be calculated by
computing the average reverse current due to reverse
recovery charge times the reverse voltage across the
diode. The average reverse current and power
dissipation due to reverse recovery can be estimated by:
EQUATION 7-3:
EQUATION 7-4:
The total diode power dissipation is:
EQUATION 7-5:
An optional external bootstrap diode may be used
instead of the internal diode (Figure 7-5). An external
diode may be useful if high gate charge MOSFETs are
being driven and the power dissipation of the internal
diode is contributing to excessive die temperatures.
The voltage drop of the external diode must be less
than the internal diode for this option to work. The
reverse voltage across the diode will be equal to the
input voltage minus the VDD supply voltage. The above
equations can be used to calculate power dissipation in
the external diode; however, if the external diode has
significant reverse leakage current, the power
dissipated in that diode due to reverse leakage can be
calculated as:
EQUATION 7-6:
5
M
I
F AVE

Q
GATE
f
S
=
Where:
QGATE = Total Gate Charge at VHB – VHS
fS = Gate Drive Switching Frequency
P
DIODEfwd
I
F AVE

V
F
=
Where:
VF = Diode Forward Voltage Drop
I
RR AVE

0.5 I
RRM
t
RR
f
S
=
Where:
IRRM = Peak Reverse Recovery Current
tRR = Reverse Recovery Time
P
DIODErr
I
R R AVE

V
REV
=
P
DIODEtotal
P
DIODEfwd
P
DIODErr
+
=
P
DIODErev
I
R
V
REV
1 D

=
Where:
IR = Reverse Current Flow at VREV and TJ
VREV = Diode Reverse Voltage
D = Duty Cycle (tON × fS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com