Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4605 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC4605
Description  85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4605 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC4605 Datasheet HTML 19Page - Microchip Technology MIC4605 Datasheet HTML 20Page - Microchip Technology MIC4605 Datasheet HTML 21Page - Microchip Technology MIC4605 Datasheet HTML 22Page - Microchip Technology MIC4605 Datasheet HTML 23Page - Microchip Technology MIC4605 Datasheet HTML 24Page - Microchip Technology MIC4605 Datasheet HTML 25Page - Microchip Technology MIC4605 Datasheet HTML 26Page - Microchip Technology MIC4605 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2018-2019 Microchip Technology Inc.
DS20005853E-page 23
MIC4605
FIGURE 7-10:
3-Phase Brushless DC Motor Driver – 24V Block Diagram.
The MIC4605 is offered in a small 2.5 mm x 2.5 mm
TDFN package for applications that are space
constrained and an 8-lead SOIC package for ease of
manufacturing. The motor trend is to put the motor
control circuit inside the motor casing, which requires
small packaging because of the size of the motor.
The MIC4605 offers low UVLO threshold and program-
mable gate drive, which allows for longer operation
time in battery-operated motors, such as power hand
tools.
Cross conduction across the half bridge can cause
catastrophic failure in a motor application. Engineers
typically add dead time between states that switch
between high input and low input to ensure that the
low-side MOSFET completely turns off before the
high-side MOSFET turns on and vice versa. The dead
time depends on the MOSFET used in the application,
but 200 ns is typical for most motor applications.
7.11
Power Inverter
Power inverters are used to supply AC loads from a DC
operated battery system, mainly during power failure.
The battery voltage can be 12 VDC, 24 VDC or up to
36 VDC, depending on the power requirements. There
are two popular conversion methods: Type I and
Type II that convert the battery energy to AC line
voltage (110 VAC or 230 VAC).
FIGURE 7-11:
Type I Inverter Topology.
As shown in Figure 7-11, Type I is a dual stage topology,
where line voltage is converted to DC through a trans-
former to charge the storage batteries. When a power
failure is detected, the stored DC energy is converted to
AC through another transformer to drive the AC loads
connected to the inverter output. This method is simplest
to design, but tends to be bulky and expensive because
it uses two transformers.
Type II is a single-stage topology that uses only one
transformer to charge the bank of batteries to store the
energy. During a power outage, the same transformer
is used to power the line voltage. The Type II switches
at a higher frequency as compared to the Type I
topology to maintain a small transformer size.
Both types require a half-bridge or full-bridge topology
to boost the DC to AC. This application can use two
MIC4605s. The 85V operating voltage offers enough
margin to address all of the available banks of batteries
commonly used in inverter applications. The 85V oper-
ating voltage allows designers to increase the bank of
batteries up to 72V, if desired. The MIC4605 can sink
as much as 1A, which is enough current to overcome
the MOSFET’s input capacitance and switch the
MOSFET up to 50 kHz. This makes the MIC4605 an
ideal solution for inverter applications.
A
C
B
KEY
BOARD
ZNEO CORE
CONTROLLER
3.3V
MIC5225
LDO
EMF
POSITION
SENSING
MIC4605
MOSFET
DRIVER
PHASE A
MIC4605
MOSFET
DRIVER
PHASE B
MIC4605
MOSFET
DRIVER
PHASE C
MIC4680
BUCK
REGULATOR
12V
24V
MIC38C44A
FLYBACK
BRIDGE
RECTIFIER
OR
PFC
AC
MOSFETs
PHASE A
MOSFETs
PHASE B
MOSFETs
PHASE C
POWER SWITCHES FROM
INPUT AC TO DC/AC SUPPLY
DURING POWER OUTAGE
OUTPUT AC
BYPASS PATH
INPUT AC
BATTERY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com