| Manufacturer | Part # | Datasheet | Description |
 TriQuint Semiconductor |
QPD1014
|
2Mb / 21P |
GaN RF Input-Matched Transistor
|
|
QPD1025
|
1Mb / 18P |
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
|
|
QPD1025L
|
1Mb / 18P |
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
|
 Qorvo, Inc |
QPD1029L
|
1Mb / 16P |
1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
Sep 2019 |
|
QPD1034
|
1Mb / 8P |
1700 W, 65 V, 0.96 ??1.215 GHz, GaN RF Pallet
November 2021 |
|
QPD1025L
|
3Mb / 26P |
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022 |
|
QPD1028L
|
1Mb / 16P |
750 W, 65 V, 1.2 ??1.4 GHz, GaN RF Input-Matched Transistor
Oct 2021 |
|
QPD1025
|
3Mb / 26P |
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
April 2022 |
|
QPD1026L
|
1Mb / 19P |
1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor
December 2018 |
|
QPD1028
|
1Mb / 16P |
750 W, 65 V, 1.2 – 1.4 GHz, GaN RF Input-Matched Transistor
November 2021 |