Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1025LEVB2 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # QPD1025LEVB2
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB2 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button QPD1025LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 10Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 11Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Datasheet Rev. K, May 2020
│ Subject to changewithout notice
- 10 of 26-
www.qorvo.com
Measured Load-Pull Smith Charts at 65V 1, 2, 3
Notes:
1.
Test Conditions: VD = 65 V, IDQ = 750 mA, 100 us Pulse Width, 10% Duty Cycle, Temp = 25°C.
2.
The performance shown below is for only half of the device out of the two independent amplification paths.
3.
See
”Pin Configuration and Description” for load pull reference planes where the performance was measured.
4.
5.
1.2GHz, Load-pull
59.8
59.6
59.4
59.2
59
58.6
57.8
57.2
19.4
18.9
18.4
17.9
17.4
75.4
74.4
71.4
69.4
68.4
66.4
• Max Power is 59.8dBm
at Z = 1.81-0.55i
= -0.2313-0.1408i
• Max Gain is 19.6dB
at Z = 1.11+1.09i
= -0.3639+0.3617i
• Max DEff is 75.5%
at Z = 1.81+0.99i
= -0.1967+0.2463i
Zo = 3
3dB Compression Referenced to Peak Gain
Zs(1fo) = 1.6-2.11i
Zs(2fo) = 0.44+1.11i
Zs(3fo) = 0.52+0.18i
Zl(2fo) = 0.77+1.32i
Zl(3fo) = 2.18+0.35i
Power
Gain
DEFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com