Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-90APS..L-M3 Datasheet (PDF) - Vishay Siliconix

VS-90APS..L-M3 Datasheet PDF - Vishay Siliconix
Part # VS-90APS..L-M3
Download  VS-90APS..L-M3 Download
File Size   1029.93 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage, Input Rectifier Diode, 90 A

VS-90APS..L-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-90APS..L-M3 Datasheet PDF - Vishay Siliconix

Part # VS-90APS..L-M3
Download  VS-90APS..L-M3 Click to download

File Size   1029.93 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage, Input Rectifier Diode, 90 A

VS-90APS..L-M3 Datasheet (HTML) - Vishay Siliconix


VS-90APS..L-M3 Product details

FEATURES
• Very low forward voltage drop
• 150 °C max. operating junction temperature
• Glass passivated pallet chip junction
• Designed and qualified according to
JEDEC®-JESD 47
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Input rectification for single and three phase bridge
configurations
• Off-board EV/HEV battery chargers
• Renewable energy inverters
• Input rectification for single and three phase bridge
configurations
• Vishay Semiconductors switches and output rectifiers
which are available in identical package outlines

DESCRIPTION
High voltage rectifiers optimized for very low forward
voltage drop with moderate leakage.
These devices are intended for use in main rectification
(single or three phase bridge).




Similar Part No. - VS-90APS..L-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-90APS08L-M3 VISHAY-VS-90APS08L-M3 Datasheet
1Mb / 8P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90APS12L-M3 VISHAY-VS-90APS12L-M3 Datasheet
1Mb / 8P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90APS16L-M3 VISHAY-VS-90APS16L-M3 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90APS16L-M3 VISHAY-VS-90APS16L-M3 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90APS16L-M3 VISHAY-VS-90APS16L-M3 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
More results


Similar Description - VS-90APS..L-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
High Voltage, Input Rectifier Diode, 40 A
12-Feb-16
VS-60EPSPBF VISHAY-VS-60EPSPBF Datasheet
158Kb / 7P
High Voltage Input Rectifier Diode, 60 A
12-Feb-16
VS-90EPS16L-M3 VISHAY-VS-90EPS16L-M3 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90EPSL-M3 VISHAY-VS-90EPSL-M3 Datasheet
1Mb / 8P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-110RK VISHAY-VS-110RK Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90EPS16L-M3 VISHAY-VS-90EPS16L-M3_V01 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-45EPS16L-M3 VISHAY-VS-45EPS16L-M3_V01 Datasheet
194Kb / 7P
High Voltage Input Rectifier Diode, 45 A
Revision: 06-Jul-2018
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3_V01 Datasheet
209Kb / 7P
High Voltage Input Rectifier Diode, 45 A
Revision: 22-Feb-18
VS-65EPS12LHM3 VISHAY-VS-65EPS12LHM3_V01 Datasheet
204Kb / 7P
High Voltage Input Rectifier Diode, 65 A
22-Feb-18
VS-20ETS-M3 VISHAY-VS-20ETS-M3 Datasheet
219Kb / 7P
High Voltage, Input Rectifier Diode, 20 A
29-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com