Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-90APS..L-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-90APS..L-M3
Description  High Voltage, Input Rectifier Diode, 90 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-90APS..L-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-90APS..L-M3 Datasheet HTML 1Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 2Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 3Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 4Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 5Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 6Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 7Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-90EPS..L-M3, VS-90APS..L-M3
www.vishay.com
Vishay Semiconductors
Revision: 10-Jul-2018
1
Document Number: 93396
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage, Input Rectifier Diode, 90 A
FEATURES
• Very low forward voltage drop
• 150 °C max. operating junction temperature
• Glass passivated pallet chip junction
• Designed
and
qualified
according
to
JEDEC®-JESD 47
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Input rectification for single and three phase bridge
configurations
• Off-board EV/HEV battery chargers
• Renewable energy inverters
• Input rectification for single and three phase bridge
configurations
• Vishay Semiconductors switches and output rectifiers
which are available in identical package outlines
DESCRIPTION
High voltage rectifiers optimized for very low forward
voltage drop with moderate leakage.
These devices are intended for use in main rectification
(single or three phase bridge).
PRIMARY CHARACTERISTICS
IF(AV)
90 A
VR
800 V to 1200 V
VF at IF
1.20 V
IFSM
1100 A
TJ max.
150 °C
Package
TO-247AD 2L, TO-247AD 3L
Circuit configuration
Single
TO-247AD 2L
TO-247AD 3L
1
3
2
1
3
2
VS-90APS..L
VS-90EPS..L
2
1
3
Cathode
Anode
Base
cathode
2
Anode
1
Anode
3
Base
cathode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Sinusoidal waveform
90
A
VRRM
Range
800 to 1200
V
IFSM
1100
A
VF
90 A, TJ = 25 °C
1.20
V
TJ
-40 to +150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
VS-90EPS08L-M3, VS-90APS08L-M3
800
900
1.5
VS-90EPS12L-M3, VS-90APS12L-M3
1200
1300


Similar Part No. - VS-90APS..L-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-90APS08L-M3 VISHAY-VS-90APS08L-M3 Datasheet
1Mb / 8P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90APS12L-M3 VISHAY-VS-90APS12L-M3 Datasheet
1Mb / 8P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90APS16L-M3 VISHAY-VS-90APS16L-M3 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90APS16L-M3 VISHAY-VS-90APS16L-M3 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90APS16L-M3 VISHAY-VS-90APS16L-M3 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
More results

Similar Description - VS-90APS..L-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
High Voltage, Input Rectifier Diode, 40 A
12-Feb-16
VS-60EPSPBF VISHAY-VS-60EPSPBF Datasheet
158Kb / 7P
High Voltage Input Rectifier Diode, 60 A
12-Feb-16
VS-90EPS16L-M3 VISHAY-VS-90EPS16L-M3 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90EPSL-M3 VISHAY-VS-90EPSL-M3 Datasheet
1Mb / 8P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-110RK VISHAY-VS-110RK Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-90EPS16L-M3 VISHAY-VS-90EPS16L-M3_V01 Datasheet
182Kb / 7P
High Voltage, Input Rectifier Diode, 90 A
10-Jul-2018
VS-45EPS16L-M3 VISHAY-VS-45EPS16L-M3_V01 Datasheet
194Kb / 7P
High Voltage Input Rectifier Diode, 45 A
Revision: 06-Jul-2018
VS-45EPS16LHM3 VISHAY-VS-45EPS16LHM3_V01 Datasheet
209Kb / 7P
High Voltage Input Rectifier Diode, 45 A
Revision: 22-Feb-18
VS-65EPS12LHM3 VISHAY-VS-65EPS12LHM3_V01 Datasheet
204Kb / 7P
High Voltage Input Rectifier Diode, 65 A
22-Feb-18
VS-20ETS-M3 VISHAY-VS-20ETS-M3 Datasheet
219Kb / 7P
High Voltage, Input Rectifier Diode, 20 A
29-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com