Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-90APS..L-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-90APS..L-M3
Description  High Voltage, Input Rectifier Diode, 90 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-90APS..L-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-90APS..L-M3 Datasheet HTML 1Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 2Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 3Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 4Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 5Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 6Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 7Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 28-May-2018
1
Document Number: 95536
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-247AD 2L
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. These dimensions are measured at the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC® outline TO-247 with exception of dimension A min., D, E min., Q min., S, and note 4
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
E
15.29
15.87
0.602
0.625
3
A1
2.21
2.59
0.087
0.102
E1
13.46
-
0.53
-
A2
1.50
2.49
0.059
0.098
e
5.46 BSC
0.215 BSC
b
0.99
1.40
0.039
0.055
Ø K
0.254
0.010
b1
0.99
1.35
0.039
0.053
L
19.81
20.32
0.780
0.800
b2
1.65
2.39
0.065
0.094
L1
3.71
4.29
0.146
0.169
b3
1.65
2.34
0.065
0.092
Ø P
3.56
3.66
0.14
0.144
c
0.38
0.89
0.015
0.035
Ø P1
-
6.98
-
0.275
c1
0.38
0.84
0.015
0.033
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
0.178
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
D2
0.51
1.35
0.020
0.053
0.10
A
C
M
M
E
(2)
(3)
(4)
(4)
(2) R/2
B
2 x R
S
D
See view B
2 x e
2 x b
2 x b2
L
C
(5) L1
1, 2
3
Q
D
A
A2
A
A
A1
C
Ø K
B
D
M
M
A
(6) F P
(Datum B)
F P1
D1 (4)
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD
C
C
View B
(b1, b3)
Base metal
c1
(b, b2)
Section C - C, D - D
(c)
Plating



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com