Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-90APS..L-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-90APS..L-M3
Description  High Voltage, Input Rectifier Diode, 90 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-90APS..L-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-90APS..L-M3 Datasheet HTML 1Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 2Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 3Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 4Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 5Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 6Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 7Page - Vishay Siliconix VS-90APS..L-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VS-90EPS..L-M3, VS-90APS..L-M3
www.vishay.com
Vishay Semiconductors
Revision: 10-Jul-2018
3
Document Number: 93396
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
90
100
110
120
130
140
150
0
20406080
100
Average On-State Current (A)
180°
R
thJC (DC) = 0.2 °C/W
30°
60°
90°
120°
Conduction angle
Ø
90
100
110
120
130
140
150
0
20406080
100
120
140
160
Average On-State Current (A)
180°
R
thJC (DC) = 0.2 °C/W
30°
60°
90°
120°
Conduction angle
DC
Ø
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
20406080
100
Average On-State Current (A)
180°
120°
90°
60°
30°
RMS limit
Conduction angle
T
J = 150 °C
Ø
0
20
40
60
80
100
120
140
160
180
0
20406080
100
120
140
Average On-state Current (A)
180°
120°
90°
60°
30°
RMS limit
DC
Conduction Angle
T
J = 150 °C
Ø
90EPS..L
100
200
300
400
500
600
700
800
900
1000
110
100
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
Number Of Equal Amplitude
Half Cycle Current Pulses (N)
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.01
0.1
1
10
Pulse Train Duration (s)
Maximum non-repetitive surge current
vs. pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
90EPS..L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com