Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS3604S Datasheet (PDF) - ON Semiconductor

FDMS3604S Datasheet PDF - ON Semiconductor
Part # FDMS3604S
Download  FDMS3604S Download
File Size   843.49 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFETN-Channel, POWERTRENCH, Power Stage, Asymetric Dual

FDMS3604S Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMS3604S Datasheet PDF - ON Semiconductor

Part # FDMS3604S
Download  FDMS3604S Click to download

File Size   843.49 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFETN-Channel, POWERTRENCH, Power Stage, Asymetric Dual

FDMS3604S Datasheet (HTML) - ON Semiconductor


FDMS3604S Product details

General Description
This device includes two specialized N−Channel MOSFETs in a
dual PQFN package. The switch node has been internally connected to
enable easy placement and routing of synchronous buck converters.
The control MOSFET (Q1) and synchronous SyncFET™ (Q2) have
been designed to provide optimal power efficiency.

Features
Q1: N−Channel
• Max rDS(on) = 8 m at VGS = 10 V, ID = 13 A
• Max rDS(on) = 11 m at VGS = 4.5 V, ID = 11 A
Q2: N−Channel
• Max rDS(on) = 2.6 m at VGS = 10 V, ID = 23 A
• Max rDS(on) = 3.5 m at VGS = 4.5 V, ID = 21 A
• Low Inductance Packaging Shortens Rise/Fall Times, Resulting in
Lower Switching Losses
• MOSFET Integration Enables Optimum Layout for Lower Circuit
Inductance and Reduced Switch Node Ringing
• This Device is Pb−Free and is RoHS Compliant

Applications
• Computing
• Communications
• General Purpose Point of Load
• Notebook VCORE




Similar Part No. - FDMS3604S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3604AS FAIRCHILD-FDMS3604AS Datasheet
589Kb / 15P
PowerTrench짰 Power Stage 30 V Asymmetric Dual N-Channel MOSFET
More results


Similar Description - FDMS3604S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMB3800N FAIRCHILD-FDMB3800N Datasheet
326Kb / 7P
Dual N-Channel PowerTrench MOSFET
FDMA1028NZ FAIRCHILD-FDMA1028NZ Datasheet
120Kb / 7P
Dual N-Channel PowerTrench MOSFET
FDMS7602S FAIRCHILD-FDMS7602S Datasheet
405Kb / 12P
Dual N-Channel PowerTrench MOSFET
FDMS3626S FAIRCHILD-FDMS3626S Datasheet
394Kb / 12P
PowerTrench Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3606AS FAIRCHILD-FDMS3606AS Datasheet
588Kb / 15P
PowerTrench Power Stage 30 V Asymmetric Dual N-Channel MOSFET
FDMD84100 FAIRCHILD-FDMD84100 Datasheet
233Kb / 8P
Dual N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDMD8440L ONSEMI-FDMD8440L Datasheet
612Kb / 8P
Dual N-Channel PowerTrench MOSFET
Mar, 2017, Rev. 1.0
FDMC8032L ONSEMI-FDMC8032L Datasheet
305Kb / 8P
Dual N-Channel PowerTrench MOSFET
February, 2019 ??Rev. 4
FDMD8430 ONSEMI-FDMD8430 Datasheet
216Kb / 8P
Dual N-Channel PowerTrench MOSFET
April, 2018 ??Rev. 0
FDMD8540L ONSEMI-FDMD8540L Datasheet
661Kb / 11P
MOSFET ??Dual, N-Channel, POWERTRENCH
April, 2021 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com