Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS3604S Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDMS3604S
Description  MOSFET – N-Channel, POWERTRENCH, Power Stage, Asymetric Dual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS3604S Datasheet(HTML) 1 Page - ON Semiconductor

  FDMS3604S Datasheet HTML 1Page - ON Semiconductor FDMS3604S Datasheet HTML 2Page - ON Semiconductor FDMS3604S Datasheet HTML 3Page - ON Semiconductor FDMS3604S Datasheet HTML 4Page - ON Semiconductor FDMS3604S Datasheet HTML 5Page - ON Semiconductor FDMS3604S Datasheet HTML 6Page - ON Semiconductor FDMS3604S Datasheet HTML 7Page - ON Semiconductor FDMS3604S Datasheet HTML 8Page - ON Semiconductor FDMS3604S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2020 − Rev. 3
1
Publication Order Number:
FDMS3604S/D
FDMS3604S
MOSFET – N-Channel,
POWERTRENCH), Power
Stage, Asymetric Dual
General Description
This device includes two specialized N−Channel MOSFETs in a
dual PQFN package. The switch node has been internally connected to
enable easy placement and routing of synchronous buck converters.
The control MOSFET (Q1) and synchronous SyncFET
™ (Q2) have
been designed to provide optimal power efficiency.
Features
Q1: N−Channel
• Max rDS(on) = 8 mW at VGS = 10 V, ID = 13 A
• Max rDS(on) = 11 mW at VGS = 4.5 V, ID = 11 A
Q2: N−Channel
• Max rDS(on) = 2.6 mW at VGS = 10 V, ID = 23 A
• Max rDS(on) = 3.5 mW at VGS = 4.5 V, ID = 21 A
• Low Inductance Packaging Shortens Rise/Fall Times, Resulting in
Lower Switching Losses
• MOSFET Integration Enables Optimum Layout for Lower Circuit
Inductance and Reduced Switch Node Ringing
• This Device is Pb−Free and is RoHS Compliant
Applications
• Computing
• Communications
• General Purpose Point of Load
• Notebook VCORE
www.onsemi.com
MARKING DIAGRAM
PQFN8 5x6, 1.27P
CASE 483AJ
$Y
= ON Semiconductor Logo
&Z
= Assembly Plant Code
&3
= Numeric Date Code
&K
= Lot Code
22CA N7CC
= Specific Device Code
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
G1 D1
D1 D1
G2
S2
S2 S2
D1
PHASE
(S1/D2)
PIN CONFIGURATION
4
3
2
1
5
6
7
Q1
8
Q2
S2
S2
S2
G2
D1
D1
D1
G1
PHASE
$Y&Z&3&K
22CA
N7CC
Top
Bottom


Similar Part No. - FDMS3604S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3604AS FAIRCHILD-FDMS3604AS Datasheet
589Kb / 15P
PowerTrench짰 Power Stage 30 V Asymmetric Dual N-Channel MOSFET
More results

Similar Description - FDMS3604S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMB3800N FAIRCHILD-FDMB3800N Datasheet
326Kb / 7P
Dual N-Channel PowerTrench MOSFET
FDMA1028NZ FAIRCHILD-FDMA1028NZ Datasheet
120Kb / 7P
Dual N-Channel PowerTrench MOSFET
FDMS7602S FAIRCHILD-FDMS7602S Datasheet
405Kb / 12P
Dual N-Channel PowerTrench MOSFET
FDMS3626S FAIRCHILD-FDMS3626S Datasheet
394Kb / 12P
PowerTrench Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3606AS FAIRCHILD-FDMS3606AS Datasheet
588Kb / 15P
PowerTrench Power Stage 30 V Asymmetric Dual N-Channel MOSFET
FDMD84100 FAIRCHILD-FDMD84100 Datasheet
233Kb / 8P
Dual N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDMD8440L ONSEMI-FDMD8440L Datasheet
612Kb / 8P
Dual N-Channel PowerTrench MOSFET
Mar, 2017, Rev. 1.0
FDMC8032L ONSEMI-FDMC8032L Datasheet
305Kb / 8P
Dual N-Channel PowerTrench MOSFET
February, 2019 ??Rev. 4
FDMD8430 ONSEMI-FDMD8430 Datasheet
216Kb / 8P
Dual N-Channel PowerTrench MOSFET
April, 2018 ??Rev. 0
FDMD8540L ONSEMI-FDMD8540L Datasheet
661Kb / 11P
MOSFET ??Dual, N-Channel, POWERTRENCH
April, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com