Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258 Datasheet (PDF) - Infineon Technologies AG

TLE7258 Datasheet PDF - Infineon Technologies AG
Part # TLE7258
Download  TLE7258 Download
File Size   1098.94 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LIN transceiver

TLE7258 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE7258 Datasheet PDF - Infineon Technologies AG

Part # TLE7258
Download  TLE7258 Click to download

File Size   1098.94 Kbytes
Page   31 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LIN transceiver

TLE7258 Datasheet (HTML) - Infineon Technologies AG


TLE7258 Product details

Features
• Single-wire LIN transceiver for transmission rates up to 20 kbps
• Compliant to ISO 17987-4, LIN specification 2.2A and SAE J2602
• Very low current consumption in sleep mode with wake-up capability
• Very low leakage current on the BUS pin
• Digital I/O levels compatible with 3.3 V and 5 V microcontrollers
• TxD protected with dominant time-out function and state check after
mode change to normal operation mode
• BUS short to VBAT protection and BUS short to GND handling
• Over temperature protection and supply undervoltage detection
• Very high ESD robustness, ± 10 kV according to IEC61000-4-2
• Optimized for high electromagnetic compatibility (EMC);
Very low emission and high immunity to interference
• Available in standard PG-DSO-8 and leadless PG-TSON-8 packages
• PG-TSON-8 package supports automated optical inspection (AOI)
• Green Product (RoHS compliant)

Description
The TLE7258 is a transceiver for the local interconnect network (LIN) with integrated wake-up and protection
features. It is designed for in-vehicle networks using data transmission rates up to 20 kbps. The TLE7258
operate as a bus driver between the protocol controller and the physical bus of the LIN network. Compliant to
all LIN standards and with a wide operational supply range the TLE7258 can be used in all automotive
applications.




Similar Part No. - TLE7258

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7258D INFINEON-TLE7258D Datasheet
2Mb / 31P
TLE7258D
Rev. 1.2, 2014-12-08
TLE7258D INFINEON-TLE7258D_15 Datasheet
2Mb / 31P
TLE7258D
Rev. 1.2, 2014-12-08
TLE7258LE INFINEON-TLE7258LE Datasheet
2Mb / 31P
LIN Transceiver
Rev. 1.1, 2015-08-20
TLE7258SJ INFINEON-TLE7258SJ Datasheet
2Mb / 31P
LIN Transceiver
Rev. 1.1, 2015-08-20
More results


Similar Description - TLE7258

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
LIN Transceiver
Rev. 1.3, Dec. 2004
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com