Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7258
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7258 Datasheet HTML 3Page - Infineon Technologies AG TLE7258 Datasheet HTML 4Page - Infineon Technologies AG TLE7258 Datasheet HTML 5Page - Infineon Technologies AG TLE7258 Datasheet HTML 6Page - Infineon Technologies AG TLE7258 Datasheet HTML 7Page - Infineon Technologies AG TLE7258 Datasheet HTML 8Page - Infineon Technologies AG TLE7258 Datasheet HTML 9Page - Infineon Technologies AG TLE7258 Datasheet HTML 10Page - Infineon Technologies AG TLE7258 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Datasheet
7
Rev. 1.20
2022-04-27
TLE7258
LIN transceiver
Functional description
3.1
Operating modes
The TLE7258 has 3 major operation modes (see Figure 4):
• Normal operation mode
•Standby mode
•Sleep mode
Figure 4
Operation mode state diagram
Table 1
Operating modes
Mode
EN
INH
TxD
RxD
LIN Bus termination Comments
Sleep
Low Floating Disabled1)
1) The TxD input is disabled in sleep mode and the internal pull-up current source is switched off (see Figure 1).
High2)
2) A pull-up resistor to the external microcontroller supply is required.
30 kΩ (typical)
No wake-up request detected
Standby Low High
High3)
3) In case the TxD input is open the state is internally set to logical “high” through the internal pull-up current source.
Low
High2)
30 kΩ (typical)
RxD “low” after a bus wake-up
RxD “high“ after Power-up
Normal
operation
High High
Low
High
Low
High
30 kΩ (typical)
RxD reflects the signal on the bus
TxD driven by the microcontroller
TLE7258_MODE_DIAGRAM
1) Wake-up Source:
RxD:
logical „high“ after Power-up
RxD:
logical „low“ after BUS Wake-up detection
An external pull-up resistor to the external microcontroller supply is required for the Wake-up or Power-up indication
2) TxD: The TxD input is disabled and the pull-up current source is switched off
3) RxD: The RxD output is „high“ because of the external pull-up resistor
Normal Operation Mode
INH: High
EN: High
EN
EN
Sleep Mode
INH: Floating
EN: Low
TxD: Disabled
2)
RxD: High
3)
BUS Wake-up
Power-up
Standby Mode
INH: High
EN: Low
TxD: High
RxD: Wake-up source
1)
2
1
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com