Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7258
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7258 Datasheet HTML 7Page - Infineon Technologies AG TLE7258 Datasheet HTML 8Page - Infineon Technologies AG TLE7258 Datasheet HTML 9Page - Infineon Technologies AG TLE7258 Datasheet HTML 10Page - Infineon Technologies AG TLE7258 Datasheet HTML 11Page - Infineon Technologies AG TLE7258 Datasheet HTML 12Page - Infineon Technologies AG TLE7258 Datasheet HTML 13Page - Infineon Technologies AG TLE7258 Datasheet HTML 14Page - Infineon Technologies AG TLE7258 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Datasheet
11
Rev. 1.20
2022-04-27
TLE7258
LIN transceiver
Functional description
3.4
Sleep mode
Sleep mode is a low power mode with quiescent current consumption reduced to a minimum while the device
is still able to wake-up by a message on the LIN bus.
To switch the TLE7258 from normal operation mode to sleep mode, the EN input has to be set to “low”.
Conversely a logical “high” signal on the EN input sets the device directly back to normal operation mode (see
Figure 4). The TLE7258 can only enter sleep mode from normal operation mode.
Figure 7
Entering sleep mode from normal operation mode
While the TLE7258 is in sleep mode the following functions are available:
• The transmitter is turned off.
• The receiver is turned off.
• The BUS output is terminated to VS via the internal termination resistor RBUS (see Figure 1).
• The RxD output is “high” if a pull-up resistor is connected to the external microcontroller supply.
• The TxD input is disabled and the internal pull-up current source is switched off.
• The INH output is switched off and is floating.
• The bus wake-up comparator is active and will cause transition to standby mode in case of a wake-up
event.
• In sleep mode only the power-on reset level of the undervoltage detection is active (see “Undervoltage
detection” on Page 15).
• The EN input remains active. A “high” signal on the EN input triggers a transition to normal operation
mode.
INH: „high impedance“
TxD: „high impedance“
TLE7258_SLEEP_MODE
t
RxD: „high“ or „low“ depending on
the signals on the LIN bus
t
INH
t
Data transmission
t
t
Mode
RxD: “high“ because of external pull-up
resistor to the microcontroller supply voltage
Sleep mode
Normal Operation mode
TxD
RxD
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com