Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7258
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7258 Datasheet HTML 1Page - Infineon Technologies AG TLE7258 Datasheet HTML 2Page - Infineon Technologies AG TLE7258 Datasheet HTML 3Page - Infineon Technologies AG TLE7258 Datasheet HTML 4Page - Infineon Technologies AG TLE7258 Datasheet HTML 5Page - Infineon Technologies AG TLE7258 Datasheet HTML 6Page - Infineon Technologies AG TLE7258 Datasheet HTML 7Page - Infineon Technologies AG TLE7258 Datasheet HTML 8Page - Infineon Technologies AG TLE7258 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Datasheet
2
Rev.1.20
2022-04-27
TLE7258
LIN transceiver
The usage of different operation modes and the INH output allows the TLE7258 to control external
components like e.g. voltage regulators. In sleep mode the TLE7258 draws typically less than 10 μA of
quiescent current while still being able to wake-up when detecting LIN bus traffic. The very low leakage
current on the BUS pin makes the TLE7258 especially suitable for partially supplied networks.
Based on the Infineon BiCMOS technology the TLE7258 provides excellent ESD robustness together with a very
high electromagnetic compatibility (EMC). The TLE7258 reaches a very low level of electromagnetic emission
(EME) within a broad frequency range and independent from the battery voltage. The TLE7258 is AEC qualified
and tailored to withstand the harsh conditions of the automotive environment.
Type
Package
Marking
TLE7258SJ
PG-DSO-8
7258
TLE7258LE
PG-TSON-8
7258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com