Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7258 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7258
Description  LIN transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7258 Datasheet HTML 1Page - Infineon Technologies AG TLE7258 Datasheet HTML 2Page - Infineon Technologies AG TLE7258 Datasheet HTML 3Page - Infineon Technologies AG TLE7258 Datasheet HTML 4Page - Infineon Technologies AG TLE7258 Datasheet HTML 5Page - Infineon Technologies AG TLE7258 Datasheet HTML 6Page - Infineon Technologies AG TLE7258 Datasheet HTML 7Page - Infineon Technologies AG TLE7258 Datasheet HTML 8Page - Infineon Technologies AG TLE7258 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Datasheet
Rev. 1.20
www.infineon.com/automotive-transceivers
1
2022-04-27
TLE7258
LIN transceiver
Features
• Single-wire LIN transceiver for transmission rates up to 20 kbps
• Compliant to ISO 17987-4, LIN specification 2.2A and SAE J2602
• Very low current consumption in sleep mode with wake-up capability
• Very low leakage current on the BUS pin
• Digital I/O levels compatible with 3.3 V and 5 V microcontrollers
• TxD protected with dominant time-out function and state check after
mode change to normal operation mode
• BUS short to VBAT protection and BUS short to GND handling
• Over temperature protection and supply undervoltage detection
• Very high ESD robustness, ± 10 kV according to IEC61000-4-2
• Optimized for high electromagnetic compatibility (EMC);
Very low emission and high immunity to interference
• Available in standard PG-DSO-8 and leadless PG-TSON-8 packages
• PG-TSON-8 package supports automated optical inspection (AOI)
• Green Product (RoHS compliant)
Potential applications
• LIN slave satellite modules
• Rain and light sensors
•Window lifters
• Parking aid systems
Product validation
Qualified for automotive applications. Product validation according to AEC-Q100.
Description
The TLE7258 is a transceiver for the local interconnect network (LIN) with integrated wake-up and protection
features. It is designed for in-vehicle networks using data transmission rates up to 20 kbps. The TLE7258
operate as a bus driver between the protocol controller and the physical bus of the LIN network. Compliant to
all LIN standards and with a wide operational supply range the TLE7258 can be used in all automotive
applications.


Similar Part No. - TLE7258

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7258D INFINEON-TLE7258D Datasheet
2Mb / 31P
TLE7258D
Rev. 1.2, 2014-12-08
TLE7258D INFINEON-TLE7258D_15 Datasheet
2Mb / 31P
TLE7258D
Rev. 1.2, 2014-12-08
TLE7258LE INFINEON-TLE7258LE Datasheet
2Mb / 31P
LIN Transceiver
Rev. 1.1, 2015-08-20
TLE7258SJ INFINEON-TLE7258SJ Datasheet
2Mb / 31P
LIN Transceiver
Rev. 1.1, 2015-08-20
More results

Similar Description - TLE7258

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
LIN Transceiver
Rev. 1.3, Dec. 2004
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com