Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX39221 Datasheet (PDF) - Renesas Technology Corp

GX39221 Datasheet PDF - Renesas Technology Corp
Part # GX39221
Download  GX39221 Download
File Size   426.16 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 × 96Gbaud Linear TIA

GX39221 Datasheet (PDF)

Go To PDF Page Download Datasheet
GX39221 Datasheet PDF - Renesas Technology Corp

Part # GX39221
Download  GX39221 Click to download

File Size   426.16 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 × 96Gbaud Linear TIA

GX39221 Datasheet (HTML) - Renesas Technology Corp


GX39221 Product details

Features
■ Dual-channel integrated 96Gbaud linear TIA with
analog control interface
■ Differential linear gain: 70–3,250Ω and > 30dB
dynamic range
■ > 60GHz adjustable 3dB bandwidth
■ Automatic and manual gain control, Output
Voltage Control, Peak Detection and Shutdown
functionalities
■ Low THD, low crosstalk, and low power
consumption for covering 64QAM receiver
Applications
■ 800G and beyond coherent systems with 96Gbaud
higher-order QAM modulation format
■ Integrated optical modules for CFP/CFP2/CFP4
form factors




Similar Part No. - GX39221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
GX39220 RENESAS-GX39220 Datasheet
419Kb / 16P
2 × 96Gbaud Linear TIA
Nov 28, 2022
GX39220-DNT RENESAS-GX39220-DNT Datasheet
419Kb / 16P
2 × 96Gbaud Linear TIA
Nov 28, 2022
More results


Similar Description - GX39221

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
5.0V 10Gb/s TIA
REV 1
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
10Gb/s Differential TIA
TIA56A TRIQUINT-TIA56A Datasheet
261Kb / 1P
TIA for photoreceiver
logo
Exar Corporation
XR33053 EXAR-XR33053 Datasheet
625Kb / 16P
TIA-485/TIA-422 Transceiver
XR33152 EXAR-XR33152 Datasheet
874Kb / 19P
TIA-485/TIA-422 Transceivers
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
Wide Supply TIA-485/TIA-422 Transceiver
logo
Integrated Device Techn...
HXR6101 IDT-HXR6101 Datasheet
121Kb / 2P
16Gbps TIA Receiver
GX32222 IDT-GX32222 Datasheet
76Kb / 2P
Linear TIA
GX36220 IDT-GX36220 Datasheet
120Kb / 2P
Linear TIA
logo
Renesas Technology Corp
GX39220 RENESAS-GX39220 Datasheet
419Kb / 16P
2 × 96Gbaud Linear TIA
Nov 28, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com