Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX39221 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # GX39221
Description  2 × 96Gbaud Linear TIA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

GX39221 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button GX39221 Datasheet HTML 5Page - Renesas Technology Corp GX39221 Datasheet HTML 6Page - Renesas Technology Corp GX39221 Datasheet HTML 7Page - Renesas Technology Corp GX39221 Datasheet HTML 8Page - Renesas Technology Corp GX39221 Datasheet HTML 9Page - Renesas Technology Corp GX39221 Datasheet HTML 10Page - Renesas Technology Corp GX39221 Datasheet HTML 11Page - Renesas Technology Corp GX39221 Datasheet HTML 12Page - Renesas Technology Corp GX39221 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
GX39221 Datasheet
R08DS0261EU0100 Rev.1.00
Nov 28, 2022
Page 9
2.3
Electrical Specifications
All characteristics specified at recommended operating conditions unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Symbol Rate
-
-
96
-
Gbaud
Differential Input RF Current [2]
IRFIN
-
0.03
-
3
mAppd
Input DC Current [3]
IDCIN
Each Input
-
-
4
mA
Input DC Offset Current [4]
-
-0.5
-
0.5
mA
Input DC Level
Vinput
-
-
0.8
-
V
Differential Trans-impedance
Gain
Zt
Min Gain setting
-
-
70
Ω
Max Gain setting
2,750
3,250
-
VGA Dynamic Range
ΔVGA
-
30
-
-
dB
Zt Bandwidth
f3dB
3dB down bandwidth
with PD model
59
65
-
GHz
Bandwidth Control [5]
BWcnt
-
-3
-
3
GHz
Zt Group Delay Variation
ΔGD
Up to 40GHz
-
-
7
ps
40G < f < 48G
-
-
12.5
48G < f < f3dB
-
-
12.5
Differential Output Impedance Match
SDD22
50MHz < 32GHz
-
-
-16
dB
32 to 48 GHz
-
-
-14
48 to 64 GHz
-
-
-8
Noise Density [1]
Ieq
Zt = 3,250
Ω, f < f3dB
-
19
-
pA/√Hz
Zt = 1,000
Ω, f < f3dB
-
22
-
Zt = 500
Ω, f < f3dB
-
28
-
Total Harmonic Distortion
THD
f = 1GHz, 0.06 < IinRF
< 3mAppd
0 < IinDC < 4mAs
Vout < 500mVppd
-
0.5
1
%
f = 1GHz, 0.06 < IinRF
< 3mAppd
IinDC < 4mAs
500 < Vout < 700mVppd
-
1
1.5
Zt Common Mode Rejection Ratio
CMRR
100MHz < f < 60GHz
25
40
-
dB
Crosstalk
Xtalk
Up to 60GHz
-
-
-40
dB
Low Frequency Cutoff
fLow
3dB cut-off
-
-
200
kHz
Differential Output Amplitude
Vout
Min. Output
-
-
200
mVppd
Max. Output
700
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com