Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX39221 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # GX39221
Description  2 × 96Gbaud Linear TIA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

GX39221 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button GX39221 Datasheet HTML 2Page - Renesas Technology Corp GX39221 Datasheet HTML 3Page - Renesas Technology Corp GX39221 Datasheet HTML 4Page - Renesas Technology Corp GX39221 Datasheet HTML 5Page - Renesas Technology Corp GX39221 Datasheet HTML 6Page - Renesas Technology Corp GX39221 Datasheet HTML 7Page - Renesas Technology Corp GX39221 Datasheet HTML 8Page - Renesas Technology Corp GX39221 Datasheet HTML 9Page - Renesas Technology Corp GX39221 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
GX39221 Datasheet
R08DS0261EU0100 Rev.1.00
Nov 28, 2022
Page 6
Pad #
Name
Type
Description
20
Out2N
RF
Ch 2 RF output, inverting.
21
GNDO
Ground
Ground for output stage.
22
Out2P
RF
Ch 2 RF output, non-inverting.
23
GNDO
Ground
Ground for output stage.
24
GNDO
Ground
Ground for output stage.
25
Out1N
RF
Ch 1 RF output, inverting.
26
GNDO
Ground
Ground for output stage.
27
Out1P
RF
Ch 1 RF output, non-inverting.
28
GNDO
Ground
Ground for output stage/large size pad.
29
VCCO
Power Supply
3.3V positive Bias supply for the output stage.
30
BWCA
DC Digital Input
Digital selection of bandwidth control; works along with BWCB pin.
See Bandwidth Control truth table.
31
OMON1
DC Output
Ch 1 output monitor (peak detector) output
32
VGC1
DC Input or Output
Ch 1 external gain control input (in MGC mode).
Gain Monitor output (in AGC mode).
33
VOA1
DC Input
Ch 1 output level adjustment input (in AGC mode).
34
GCS
DC Digital Input
Ch 1 and Ch 2 selects AGC/Manual Gain control.
35
VCC
Power Supply
3.3V positive Bias supply.
36
VPDS1
PD1 Bias Supply
PD2 Bias supply.
1.
All GNDs to be downbonded first during assembly.
2.
All VCCOs have to be bonded (not short on chip). VCCs are shorted on chip but recommended to be bonded.
3.
In case of single photodiode configuration for each channel, the PDs have to be connected to IN1P and IN2P pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com