Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX39221 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # GX39221
Description  2 × 96Gbaud Linear TIA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

GX39221 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button GX39221 Datasheet HTML 3Page - Renesas Technology Corp GX39221 Datasheet HTML 4Page - Renesas Technology Corp GX39221 Datasheet HTML 5Page - Renesas Technology Corp GX39221 Datasheet HTML 6Page - Renesas Technology Corp GX39221 Datasheet HTML 7Page - Renesas Technology Corp GX39221 Datasheet HTML 8Page - Renesas Technology Corp GX39221 Datasheet HTML 9Page - Renesas Technology Corp GX39221 Datasheet HTML 10Page - Renesas Technology Corp GX39221 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GX39221 Datasheet
R08DS0261EU0100 Rev.1.00
Nov 28, 2022
Page 7
2.
Specifications
2.1
Absolute Maximum Ratings
Exceeding the maximum ratings may cause damage to the product or lead to a reduction in reliability. These are
solely stress ratings and functional operation of the device at these or any conditions beyond those indicated in
recommended operating conditions is not implied. Exposure to absolute maximum rated conditions for extended
periods may affect device reliability.
Parameter
Symbol
Conditions
Min.
Max.
Units
Supply Voltage
VCC
-
-0.5
4.5
V
Supply Voltage
VCCob
-
-0.5
4.5
V
PD Supply Voltage
VPDSx
-
-0.5
7.0
V
DC Input Current (for each PD)
IDCIN
-
-1.5
6
mA
RF Input Current (for each PD)
IRFIN
-
-
12
mApp
Gain Control Voltage [1]
VGC
-
-0.5
4.5
V
Bandwidth Control Voltage [1]
VBWCA/B
-
-0.5
4.5
V
Output Voltage Amplitude Control Voltage [1]
VOA
-
-0.5
4.5
V
Gain Control Mode [1]
VGCS
-
-0.5
4.5
V
Shutdown [1]
VSHDB
-
-0.5
4.5
V
Channel Temperature
Tch
-
-
150
°C
Storage Temperature in sealed package
Tst
-
-40
125
°C
ESD (RF Pins)
HBM
250
-
V
ESD (PDx and PDSx Pins)
HBM
250
-
V
ESD (All other pins)
HBM
2000
-
V
Humidity (Storage)
RH
-
5
95
%
1.
If Voltage on control pins > VCC + 0.7V, ESD protection circuits start to draw current. Absolute maximum DC current through the
control pins is 5mA.
2.2
Recommended Operating Conditions
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Supply Voltage
VCC
-
3.07
3.3
3.47
V
Supply Voltage
VCCob
-
3.07
3.3
3.47
V
Total Supply Current for VCC and VCCob [1]
Icc
-
-
200
228
mA
Per Channel Supply Current [1]
Ichan
-
-
100
114
mA
Power Dissipation [1]
Pd
-
-
660
833
at 3.47V
mW
PD Supply Voltage
VPDSx
-
3.0
-
5.25
V
Gain Control Voltage [2][3]
VGC
-
0
-
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com