Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59M1515V Datasheet (PDF) - Renesas Technology Corp

SLG59M1515V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1515V
Download  SLG59M1515V Download
File Size   348.61 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20 mW, 2.0 A Fast Turn On Load Switch with Discharge

SLG59M1515V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1515V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1515V
Download  SLG59M1515V Click to download

File Size   348.61 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 20 mW, 2.0 A Fast Turn On Load Switch with Discharge

SLG59M1515V Datasheet (HTML) - Renesas Technology Corp


SLG59M1515V Product details

General Description
The SLG59M1515V is a 20 mW 2.0 A single-channel load
switch with configurable slew rate control. The device can
enable fast power rail turn on with big cap loading. Internal
circuit limits max inrush current to prevent device damage. The
product is packaged in an ultra-small 1.0x1.6mm package.
Features
• 1.0 x 1.6 x 0.55 mm STDFN 8L package (2 fused pins for
drain and 2 fused pins for source)
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• Discharged Load when off
• Fast Turn On time
• 25 ms, Tune Cap = 0.1 nF, CLOAD = 1 mF @ 100 mA
• 95 ms, Tune Cap = 0.5 nF, CLOAD = 10 mF @ 2.5 A
• Low RDSONwhile supporting 2.0 A
• 20 mW, VDD = 5 V, VD = 1 V
• 27.5 mW, VDD = 3.3 V, VD = 1 V
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -40 °C to 85°C
• Operating Voltage: 2.5 V to 5.5 V
• Power Rail Switching VD = 0.85 V to VD = VDD - 1.5 V




Similar Part No. - SLG59M1515V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1515V DIALOG-SLG59M1515V Datasheet
122Kb / 9P
20 m廓, 2.0 A Fast Turn On Integrated Power Switch with Discharge
SLG59M1515VTR DIALOG-SLG59M1515VTR Datasheet
122Kb / 9P
20 m廓, 2.0 A Fast Turn On Integrated Power Switch with Discharge
More results


Similar Description - SLG59M1515V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1533V DIALOG-SLG5NT1533V Datasheet
124Kb / 10P
20 m廓 Fast Turn On 2.5 A Integrated Power Switch with Discharge
SLG59M1515V DIALOG-SLG59M1515V Datasheet
122Kb / 9P
20 m廓, 2.0 A Fast Turn On Integrated Power Switch with Discharge
logo
Renesas Technology Corp
SLG5NT1432V RENESAS-SLG5NT1432V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch with Discharge
February 7, 2022
SLG59M1456V RENESAS-SLG59M1456V Datasheet
296Kb / 11P
Ultra-small 7.8 mW 5 A Load Switch with Discharge
February 4, 2022
SLG59M1460V RENESAS-SLG59M1460V Datasheet
327Kb / 9P
30 mW, 2.0 A Nanopower Mobile Load Switch with Discharge
February 14, 2022
SLG59M1495V RENESAS-SLG59M1495V Datasheet
435Kb / 10P
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 4, 2022
SLG59M1551V RENESAS-SLG59M1551V Datasheet
399Kb / 9P
Ultra-small 15.5 mW 2.0 A GreenFET Load Switch with Discharge
February 10, 2022
SLG59M1568V RENESAS-SLG59M1568V Datasheet
455Kb / 11P
7.3 mW, 9 A GreenFET Load Switch with Discharge
February 7, 2022
SLG5NT1533V RENESAS-SLG5NT1533V Datasheet
635Kb / 16P
20 mΩ, Fast Turn On, 2.5 A Load Switch with Discharge
3-Feb-2022
SLG5NT1581V RENESAS-SLG5NT1581V Datasheet
440Kb / 10P
7.3 mW, 9 A GreenFET Load Switch with Discharge
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com