Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1034DB Datasheet (PDF) - G.M. International

D1034DB Datasheet PDF - G.M. International
Part # D1034DB
Download  D1034DB Download
File Size   292.95 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 Switch/Proximity Detector Interface DIN-Rail Models D1034S, D1034D

D1034DB Datasheet (PDF)

Go To PDF Page Download Datasheet
D1034DB Datasheet PDF - G.M. International

Part # D1034DB
Download  D1034DB Click to download

File Size   292.95 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 Switch/Proximity Detector Interface DIN-Rail Models D1034S, D1034D

D1034DB Datasheet (HTML) - G.M. International


D1034DB Product details

Features:
SIL 3 according to IEC 61508
Tproof = 1 / 2 years (10 / 20 % of total SIF).
SIL 2 according to IEC 61508
Tproof = 10 years (10 % of total SIF).
PFDavg (1 year) 8.41 E-05, SFF 93.24 %.
fully independent channels.
Input from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
Contact/Proximity Detector Input.
Short and open circuit fault detection.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4.
ATEX, IECEx, UL & C-UL, FM & FM-C, INMETRO, EAC-
UKR TR n. 898 Certifications.
Type Approval Certificate DNV and KR for
marine applications.
High Reliability, SMD components.
High Density, two channels per unit.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - D1034DB

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1034UK SEME-LAB-D1034UK Datasheet
21Kb / 2P
METAL GATE RF SILICON FET(GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 80W - 28V - 500MHz PUSH-PULL)
More results


Similar Description - D1034DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTL5113P ETC1-MTL5113P Datasheet
54Kb / 1P
SWITCH/PROXIMITY DETECTOR INTERFACE
MTL5511 ETC1-MTL5511 Datasheet
145Kb / 2P
MTL5511 SWITCH/ PROXIMITY DETECTOR INTERFACE
logo
G.M. International
D1010 GMI-D1010 Datasheet
366Kb / 4P
SIL 2 Repeater Power Supply Smart-Hart compatible DIN-Rail Models
D1030 GMI-D1030 Datasheet
297Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1030S, D1030D
D1031 GMI-D1031 Datasheet
307Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Transistor Output DIN-Rail Models D1031D, D1031Q
D1032 GMI-D1032 Datasheet
304Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1032D, D1032Q
D1033 GMI-D1033 Datasheet
340Kb / 2P
SIL 2 Switch/Proximity Detector SIL 2 Switch/Proximity Detector Models D1033D, D1033Q
D1072 GMI-D1072 Datasheet
642Kb / 6P
SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D
D1092 GMI-D1092 Datasheet
282Kb / 3P
SIL 3 Relay Output Module DIN-Rail Models D1092S, D1092D
D1130 GMI-D1130 Datasheet
292Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com