| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGH27015
|
1Mb / 12P |
15 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0 |
|
CGH27030F
|
1Mb / 12P |
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0 |
|
CGH27030S
|
1Mb / 16P |
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1 |
|
CGH27060F
|
1Mb / 12P |
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0 |
|
CGH27030
|
1Mb / 12P |
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
|
|
CMPA0530002S
|
1Mb / 20P |
2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
|
 WOLFSPEED, INC. |
CGH27030
|
2Mb / 12P |
30 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-10-20 |
|
CGH27030S
|
2Mb / 15P |
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3 |
|
CGH27060F
|
4Mb / 12P |
60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev. 5.2, 2022-11-11 |
|
CGH35060F2
|
1Mb / 11P |
60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28 |