Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH27060F Datasheet (PDF) - WOLFSPEED, INC.

CGH27060F Datasheet PDF - WOLFSPEED, INC.
Part # CGH27060F
Download  CGH27060F Download
File Size   4559.53 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz

CGH27060F Datasheet (PDF)

Go To PDF Page Download Datasheet
CGH27060F Datasheet PDF - WOLFSPEED, INC.

Part # CGH27060F
Download  CGH27060F Click to download

File Size   4559.53 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz

CGH27060F Datasheet (HTML) - WOLFSPEED, INC.


CGH27060F Product details

Description
Wolfspeed’s CGH27060F is a gallium nitride (GaN) high electron mobility
transistor (HEMT) designed specifically for high efficiency, high gain and
wide bandwidth capabilities, which makes the CGH27060F ideal for VHF,
Comms, 3G, 4G, LTE, 2.3-2.9GHz WiMAX and BWA amplifier applications.
The unmatched transistor is supplied in a ceramic/metal flange package.
Features
• VHF - 3.0 GHz Operation
• 14 dB Small Signal Gain
• 8.0 W PAVE at < 2.0% EVM
• 27% Drain Efficiency at 8 W Average Power
• WiMAX Fixed Access 802.16-2004 OFDM
• WiMAX Mobile Access 802.16e OFDMA




Similar Part No. - CGH27060F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0
CGH27060F-AMP CREE-CGH27060F-AMP Datasheet
1Mb / 12P
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0
CGH27060F-TB CREE-CGH27060F-TB Datasheet
1Mb / 12P
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0
CGH27060F CREE-CGH27060F_15 Datasheet
1Mb / 12P
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0
More results


Similar Description - CGH27060F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27015 CREE-CGH27015 Datasheet
1Mb / 12P
15 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0
CGH27030F CREE-CGH27030F_15 Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGH27060F CREE-CGH27060F_15 Datasheet
1Mb / 12P
60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev 5.0
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CMPA0530002S CREE-CMPA0530002S Datasheet
1Mb / 20P
2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27015 WOLFSPEED-CGH27015 Datasheet
3Mb / 12P
15 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-11-3
CGH27030 WOLFSPEED-CGH27030 Datasheet
2Mb / 12P
30 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-10-20
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com