Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV27060MP Datasheet (PDF) - WOLFSPEED, INC.

CGHV27060MP Datasheet PDF - WOLFSPEED, INC.
Part # CGHV27060MP
Download  CGHV27060MP Download
File Size   1816.65 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, DC - 2.7 GHz, 50 V, GaN HEMT for Communication Amplifiers and Pulse Radar Applications

CGHV27060MP Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV27060MP Datasheet PDF - WOLFSPEED, INC.

Part # CGHV27060MP
Download  CGHV27060MP Click to download

File Size   1816.65 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, DC - 2.7 GHz, 50 V, GaN HEMT for Communication Amplifiers and Pulse Radar Applications

CGHV27060MP Datasheet (HTML) - WOLFSPEED, INC.


CGHV27060MP Product details

Description
Wolfspeed’s CGHV27060MP is a 60 W gallium nitride (GaN) high electron mobility transistor (HEMT) housed
in a small plastic SMT package 4.4 mm x 6.5 mm. The transistor is a broadband device with no internal input
or output match which allows for the agility to apply to a wide range of frequencies from UHF thru 2.7GHz.
The CGHV27060MP makes for an excellent transistor for pulsed applications at UHF, L-Band, or low S-Band
(<2.7GHz). Additionally, the transistor is well suited for communication amplifiers in the power class of 10 to
15 W average power in high efficiency topologies such as Class A/B, F, or Doherty amplifiers.
Features - Pulsed
• 16.5 dB Gain at Pulsed PSAT
• 70% Efficiency at Pulsed PSAT
• 85 W at Pulsed PSAT
Features - Linear
• 18 dB Gain at PAVE = 14 W
• -35 dBc ACLR at PAVE = 14 W
• 33% Efficiency at PAVE = 14 W
• High Degree of DPD Correction Can be Applied




Similar Part No. - CGHV27060MP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27060MP CREE-CGHV27060MP Datasheet
1Mb / 8P
60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
Rev 1.1
CGHV27060MP-AMP1 CREE-CGHV27060MP-AMP1 Datasheet
1Mb / 8P
60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
Rev 1.1
More results


Similar Description - CGHV27060MP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
CGHV27060MP CREE-CGHV27060MP Datasheet
1Mb / 8P
60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
Rev 1.1
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 3.0
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CMPA0527005F CREE-CMPA0527005F Datasheet
1,011Kb / 12P
5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
CMPA0527005F WOLFSPEED-CMPA0527005F Datasheet
1Mb / 12P
5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com