Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX00080 Datasheet (PDF) - Arduino

ABX00080 Datasheet PDF - Arduino
Part # ABX00080
Download  ABX00080 Download
File Size   2064.7 Kbytes
Page   17 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® UNO R4 Minima

ABX00080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX00080 Datasheet PDF - Arduino

Part # ABX00080
Download  ABX00080 Click to download

File Size   2064.7 Kbytes
Page   17 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® UNO R4 Minima

ABX00080 Datasheet (HTML) - Arduino


ABX00080 Product details

Description
The Arduino UNO R4 Minima (from here on referred to as UNO R4 Minima) is the first UNO board to feature a 32-
bit microcontroller. It features a RA4M1 series microcontroller from Renesas (R7FA4M1AB3CFM#AA0), which
embeds a 48 MHz Arm® Cortex®-M4 microprocessor. The UNO R4's memory is larger than its predecessors, with
256 kB flash, 32 kB SRAM and 8 kB data memory (EEPROM).
The UNO R4 Minima board's operating voltage is 5 V, making it hardware compatible with UNO form factor
accessories with the same operating voltage. Shields designed for previous UNO revisions are therefore safe to use
with this board but are not guaranteed to be software compatible due to the change of microcontroller.

Features
R7FA4M1AB3CFM#AA0
48 MHz Arm® Cortex®-M4 microprocessor with a floating point unit (FPU)
5 V operating voltage
Real-time Clock (RTC)
Memory Protection Unit (MPU)
Digital Analog Converter (DAC)
Memory
256 kB Flash Memory
32 kB SRAM
8 kB Data Memory (EEPROM)
Pins
14x digital pins (GPIO), D0-D13
6x analog input pins (ADC), A0-A5
6x PWM pins: D3,D5,D6,D9,D10,D11
Peripherals
Capacitive Touch Sensing Unit (CTSU)
USB 2.0 Full-Speed Module (USBFS)
up to 14-bit ADC
up to 12-bit DAC
Operational Amplifier (OPAMP)
Power
Recommended input voltage (VIN) is 6-24 V
5 V operating voltage
Barrel jack connected to VIN pin
Power via USB-C® at 5 V
Schottky diodes for overvoltage and reverse polarity protection
Communication
1x UART (pin D0, D1)
1x SPI (pin D10-D13, ICSP header)
1x I2C (pin A4, A5, SDA, SCL)
1x CAN (pin D4, D5, external transceiver is required)




Similar Part No. - ABX00080

ManufacturerPart #DatasheetDescription
logo
Arduino
ABX00080 ARDUINO-ABX00080_V01 Datasheet
4Mb / 35P
Arduino® UNO R4 Minima
15/11/2024
More results


Similar Description - ABX00080

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-1.69-AU-SHIELD NEWHAVEN-NHD-1.69-AU-SHIELD Datasheet
1Mb / 13P
Graphic Color OLED Display Module Arduino UNO Shield
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
Arduino Uno 1pcs
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
ABX00087 ARDUINO-ABX00087 Datasheet
8Mb / 23P
Arduino® UNO R4 WiFi
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com