Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1048 Datasheet (PDF) - Monolithic Power Systems

MP1048 Datasheet PDF - Monolithic Power Systems
Part # MP1048
Download  MP1048 Download
File Size   220.45 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Full Bridge CCFL Controller

MP1048 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1048 Datasheet PDF - Monolithic Power Systems

Part # MP1048
Download  MP1048 Click to download

File Size   220.45 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Full Bridge CCFL Controller

MP1048 Datasheet (HTML) - Monolithic Power Systems


MP1048 Product details

DESCRIPTION
The MP1048 is a fixed operating frequency
inverter controller that controls four external
N-Channel power MOSFETs in a full-bridge
configuration. The inverter is designed to power
up to 6 cold cathode fluorescent lamps (CCFLs)
to backlight liquid crystal displays. Its full-bridge
architecture converts unregulated DC input
voltages to the nearly pure sine waves required
to ignite and operate CCFLs.
For reliable lamp ignition, the operating
frequency is set by an external resistor and
during startup is temporarily swept toward the
unloaded resonant frequency of the tank. Burst
mode or analog mode dimming are controlled
with an external analog signal. Built-in fault
management features include an open lamp
regulator, a transformer secondary peak current
regulator and a dual-mode fault timer. The
secondary over-current timeout can be
shortened with external components. The
MP1048 is available in TSSOP28 and SOIC28
packages.

FEATURES
• Capable of Driving up to 6 Lamps
• Controls Four External, Low Cost, N-Channel
MOSFETs
• Fixed Operating Frequency
• Input Voltage Range of 10V to 22V
• Lamp Current and Voltage Regulation
• Full-Wave Sense Amp
• Analog and Burst Mode Dimming Control
• Integrated Burst Mode Oscillator and Modulator
• Soft-On and Soft-Off Burst Envelope
• Open Lamp Protection
• Secondary Over-Current Protection
• Dual-Mode Fault Timer
• Available in TSSOP28 and SOIC28 Packages
APPLICATIONS
• Desktop LCD Flat Panel Displays
• Monitors




Similar Part No. - MP1048

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP104 MCC-MP104 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
ADL Embedded Solutions
MP104-DIN ADL-MP104-DIN Datasheet
216Kb / 3P
Enclosure, module and screw terminal board
MP104-DIN ADL-MP104-DIN Datasheet
815Kb / 3P
Enclosure, module and screw terminal board
MP104-DIN ADL-MP104-DIN Datasheet
596Kb / 3P
Enclosure, module and screw terminal board
logo
Laird Tech Smart Techno...
MP1040-100 LSTD-MP1040-100 Datasheet
76Kb / 1P
cosmetic specification refer to wl-qa-038
More results


Similar Description - MP1048

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
Full Bridge Resonant CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
Full Bridge CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
TM Full Bridge Resonant CCFL Controller
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
TM Full Bridge Resonant CCFL Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com