Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1048 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1048
Description  Full Bridge CCFL Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1048 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1048 Datasheet HTML 1Page - Monolithic Power Systems MP1048 Datasheet HTML 2Page - Monolithic Power Systems MP1048 Datasheet HTML 3Page - Monolithic Power Systems MP1048 Datasheet HTML 4Page - Monolithic Power Systems MP1048 Datasheet HTML 5Page - Monolithic Power Systems MP1048 Datasheet HTML 6Page - Monolithic Power Systems MP1048 Datasheet HTML 7Page - Monolithic Power Systems MP1048 Datasheet HTML 8Page - Monolithic Power Systems MP1048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP1048 – FULL BRIDGE CCFL CONTROLLER
MP1048 Rev. 0.9
www.MonolithicPower.com
2
9/24/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP1048EM
TSSOP28
–20
°C to +85°C
MP1048EY
SOIC28
–20
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP1048EM–Z)
For RoHS Compliant Packaging, add suffix –LF
(eg. MP1048EM–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Input Voltage VPRR, VPRL ............................... 24V
Logic Inputs ................................ –0.3V to +6.5V
Inputs SI, LI, LV ................................ –5V to +5V
Junction Temperature...............................150
°C
Power Dissipation...................................... 0.6W
Junction Temperature...............................150
°C
Lead Temperature (Solder) ......................260
°C
Operating Frequency............................. 150KHz
Storage Temperature ..............–55
°C to +150°C
Recommended Operating Conditions
(2)
Input Voltage VPRR, VPRL .................... 10V to 22V
Analog Brightness Voltage VABRT....... 0V to 1.2V
Digital Brightness Voltage VDBRT........ 0V to 1.2V
Enable Voltage VEN............................ 0V to 5.0V
Operating Frequency............. 20KHz to 100KHz
Operating Frequency (Typical) ................ 60KHz
Operating Temperature .............–20
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSSOP28 ............................... 82 ...... 20...
°C/W
SOIC28................................... 60 ...... 30...
°C/W
Notes:
1) The device is not guaranteed to function outside of its
operating conditions.
2) Exceeding these ratings may damage the device.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VPRR = VPRL = 17.5V, VBRC = VLCC = GND, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output
Gate Pull-Down
RGD
2.0
Ω
Gate Pull-Up
RGU
20
Ω
Damper On Resistance
RON
1.2
kΩ
EN
Threshold
VTH
1.2
2.0
V
Hysteresis
VTH_HYS
0.3
V
Sync Timing
DBRT Logic Input Threshold
VTH
VBRS = VCC
1.8
2.0
2.3
V
DBRT Logic Input Hysteresis
VTH_HYS
VBRS = VCC
0.2
V
Burst Rate Generator
Source Current
ISRC(BRS)
VBRS = 2V
125
150
175
µA
Lower Threshold
VV(BRS)
2.2
2.35
2.5
V
Upper Threshold
VP(BRS)
3.2
3.4
3.6
V
SI
LI
LV
COMP
AG
FT
LCS
LCC
BRC
BRS
DBRT
ABRT
EN
N/C
PGL
LGL
VCCL
OUTL
UGL
BTL
PRL
PGR
LGR
VCCR
OUTR
UGR
BTR
PRR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com