Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1048 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1048
Description  Full Bridge CCFL Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1048 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1048 Datasheet HTML 1Page - Monolithic Power Systems MP1048 Datasheet HTML 2Page - Monolithic Power Systems MP1048 Datasheet HTML 3Page - Monolithic Power Systems MP1048 Datasheet HTML 4Page - Monolithic Power Systems MP1048 Datasheet HTML 5Page - Monolithic Power Systems MP1048 Datasheet HTML 6Page - Monolithic Power Systems MP1048 Datasheet HTML 7Page - Monolithic Power Systems MP1048 Datasheet HTML 8Page - Monolithic Power Systems MP1048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP1048 – FULL BRIDGE CCFL CONTROLLER
MP1048 Rev. 0.9
www.MonolithicPower.com
3
9/24/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VPRR = VPRL = 17.5V, VBRC = VLCC = GND, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply Current (Enabled)
IPR
2.2
3
mA
Supply Current (Disabled)
IPR
3
25
µA
Operating Frequency
f0
R3 = 100kΩ
45
49
53
KHz
Accuracy of f0
3
8
%
Frequency Set Voltage
VLCS
1.13
1.18
1.23
V
Lamp Current Feedback
VABRT > 1.2V
1.134
1.20
1.266
Magnitude
|VLI|
VABRT = 0V
0.35
0.40
0.45
V
Accuracy
VLI
3
%
Input Resistance
RLI
VLI < 0V
60
kΩ
Open Lamp Voltage Feedback
Threshold (Peak)
VTH(LV)
1.15
1.20
1.25
V
Secondary Peak Current
Threshold
VTH(SI)
1.15
1.20
1.25
V
Fault Timer
Threshold
Vt(FT)
1.15
1.20
1.25
V
Sink Current
ISINK(FT)
–1
µA
Open Lamp Source Current
ISO(FT)+
1
µA
Secondary Over-Current Source
Current
ISP(FT)+
65
µA
Comp
Clamp Voltage
VCOMP
0.62
V
Reference Current
ICOMP+
20
µA
Decay Current
ICOMP-
End of Burst
20
µA
Output (VCCR and VCCL)
Voltage
VCC
5.7
6.0
6.3
V
Current
ICC
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com