Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNO Datasheet (PDF) - Arduino

UNO Datasheet PDF - Arduino
Part # UNO
Download  UNO Download
File Size   719.47 Kbytes
Page   14 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® UNO R3

UNO Datasheet (PDF)

Go To PDF Page Download Datasheet
UNO Datasheet PDF - Arduino

Part # UNO
Download  UNO Click to download

File Size   719.47 Kbytes
Page   14 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® UNO R3

UNO Datasheet (HTML) - Arduino


UNO Product details

Description
The Arduino® UNO R3 is the perfect board to get familiar with electronics and coding. This versatile development
board is equipped with the well-known ATmega328P and the ATMega 16U2 Processor.
This board will give you a great first experience within the world of Arduino.

Features
ATMega328P Processor
Memory
AVR CPU at up to 16 MHz
32 kB Flash
2 kB SRAM
1 kB EEPROM
Security
Power On Reset (POR)
Brown Out Detection (BOD)
Peripherals
2x 8-bit Timer/Counter with a dedicated period register and compare channels
1x 16-bit Timer/Counter with a dedicated period register, input capture and compare channels
1x USART with fractional baud rate generator and start-of-frame detection
1x controller/peripheral Serial Peripheral Interface (SPI)
1x Dual mode controller/peripheral I2C
1x Analog Comparator (AC) with a scalable reference input
Watchdog Timer with separate on-chip oscillator
Six PWM channels
Interrupt and wake-up on pin change
ATMega16U2 Processor
8-bit AVR® RISC-based microcontroller
Memory
16 kB ISP Flash
512B EEPROM
512B SRAM
debugWIRE interface for on-chip debugging and programming
Power
2.7-5.5 volts

1.1 Application Examples
The UNO board is the flagship product of Arduino. Regardless if you are new to the world of electronics or will use
the UNO R3 as a tool for education purposes or industry-related tasks, the UNO R3 is likely to meet your needs.
First entry to electronics: If this is your first project within coding and electronics, get started with our most used
and documented board; UNO. It is equipped with the well-known ATmega328P processor, 14 digital input/output
pins, 6 analog inputs, USB connections, ICSP header and reset button. This board includes everything you will need
for a great first experience with Arduino.
Industry-standard development board: Using the UNO R3 board in industries, there are a range of companies
using the UNO R3 board as the brain for their PLC’s.
Education purposes: Although the UNO R3 board has been with us for about ten years, it is still widely used for
various education purposes and scientific projects. The board's high standard and top quality performance makes it
a great resource to capture real time from sensors and to trigger complex laboratory equipment to mention a few
examples.




Similar Part No. - UNO

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-1000 ADVANTECH-UNO-1000 Datasheet
1Mb / 2P
UNO-1000 Series Accessories
UNO-1019 ADVANTECH-UNO-1019 Datasheet
109Kb / 1P
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
UNO-1019ACE-A1E ADVANTECH-UNO-1019ACE-A1E Datasheet
109Kb / 1P
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
UNO-1019ACE-A2E ADVANTECH-UNO-1019ACE-A2E Datasheet
109Kb / 1P
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
UNO-1110-R11AE ADVANTECH-UNO-1110-R11AE Datasheet
192Kb / 1P
TI Cortex AM3505 DIN-Rail PC with 2 x LAN, 5 x COM, 4 x USB
More results


Similar Description - UNO

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
Arduino Uno 1pcs
logo
SparkFun Electronics
PRT-11417 SPARKFUN-PRT-11417 Datasheet
173Kb / 1P
Arduino Stackable Header Kit - R3
8/3/2016
logo
List of Unclassifed Man...
A000066 ETC-A000066 Datasheet
434Kb / 13P
The Arduino UNO R3 is the perfect board to get familiar with electronics and coding.
26/08/2022
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00080 ARDUINO-ABX00080 Datasheet
2Mb / 17P
Arduino® UNO R4 Minima
25/07/2023
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
ABX00087 ARDUINO-ABX00087 Datasheet
8Mb / 23P
Arduino® UNO R4 WiFi
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com