Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSERIES-5050C Datasheet (PDF) - Cree LED

JSERIES-5050C Datasheet PDF - Cree LED
Part # JSERIES-5050C
Download  JSERIES-5050C Download
File Size   1930.7 Kbytes
Page   26 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® JR5050C 6-V E Class LEDs

JSERIES-5050C Datasheet (PDF)

Go To PDF Page Download Datasheet
JSERIES-5050C Datasheet PDF - Cree LED

Part # JSERIES-5050C
Download  JSERIES-5050C Click to download

File Size   1930.7 Kbytes
Page   26 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® JR5050C 6-V E Class LEDs

JSERIES-5050C Datasheet (HTML) - Cree LED


JSERIES-5050C Product details

PRODUCT DESCRIPTION
The third-generation J Series® JR5050C LED sets a new industry
benchmark for light output and efficacy in a standard, highreliability
package. JR5050C LEDs enable up to 70% reduction in
LED count at the same delivered LPW when compared to other
available 5050 LEDs. This part count reduction enables radical
cost savings for high‑LPW luminaire designs by also reducing
PCB, optic and heat sink costs.
J Series 5050 LEDs are optimized for medium‑density lighting
applications where high efficacy and long lifetime are critical, such
as street lights, outdoor area and indoor directional lights.
FEATURES
• Industry‑compatible size: 5.0 x 5.2 x 0.75 mm
• 6‑V configuration
• Flux binned at 25 °C, chromaticity binned at 85 °C
• 6500 K–2200 K ANSI CCTs available
• 70, 80 & 90 CRI available for all CCTs
• RoHS and REACH compliant
• UL® recognized component (E495478)




Similar Part No. - JSERIES-5050C

ManufacturerPart #DatasheetDescription
logo
Cree LED
JSERIES-2016.GEN2 CREELED-JSERIES-2016.GEN2 Datasheet
1Mb / 31P
J Series® 2016 Gen 2 LEDs
REV 3
JSERIES-2835-3V-N-PD CREELED-JSERIES-2835-3V-N-PD Datasheet
4Mb / 27P
J Series® 2835 3‑V N Class Precision Dimming LED
REV 0
JSERIES-2835-3V-X CREELED-JSERIES-2835-3V-X Datasheet
1Mb / 26P
J Series® 2835B 3‑V X Class LEDs
REV 1
JSERIES-2835-COLOR CREELED-JSERIES-2835-COLOR Datasheet
3Mb / 91P
J Series® JE2835 Color LEDs
REV 2
JSERIES-2835-PHOTOPHYLL CREELED-JSERIES-2835-PHOTOPHYLL Datasheet
3Mb / 17P
J Series® 2835 Photophyll™ Select LEDs
REV 3
More results


Similar Description - JSERIES-5050C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
logo
Cooper Bussmann, Inc.
J60060-1CR COOPER-J60060-1CR Datasheet
160Kb / 2P
Class J Fuseblocks
logo
Cree, Inc
JK283518-V CREE-JK283518-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 18-V LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
logo
Littelfuse
JLS LITTELFUSE-JLS_V01 Datasheet
330Kb / 3P
CLASS J ??JLS SERIES FUSES
Rev: 062617
logo
Cree, Inc
JE2835 CREE-JE2835 Datasheet
4Mb / 86P
J Series® JE2835 Color LEDs
REV 0
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
logo
METZ CONNECT GmbH
1401200810MI METZ-1401200810MI Datasheet
247Kb / 7P
E-DAT Industry RJ45 coupler insert Cat.6 Class E
2023/02/15 Version: AN
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com