Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSERIES-JB3030C Datasheet (PDF) - Cree LED

JSERIES-JB3030C Datasheet PDF - Cree LED
Part # JSERIES-JB3030C
Download  JSERIES-JB3030C Download
File Size   3316.05 Kbytes
Page   27 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® JB3030C 3‑V E & F Class LEDs

JSERIES-JB3030C Datasheet (PDF)

Go To PDF Page Download Datasheet
JSERIES-JB3030C Datasheet PDF - Cree LED

Part # JSERIES-JB3030C
Download  JSERIES-JB3030C Click to download

File Size   3316.05 Kbytes
Page   27 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description J Series® JB3030C 3‑V E & F Class LEDs

JSERIES-JB3030C Datasheet (HTML) - Cree LED


JSERIES-JB3030C Product details

PRODUCT DESCRIPTION
J Series® LEDs provide excellent value for general and specialty
lighting applications in the industry’s most common LED package
sizes. The J Series JB3030C 3‑V E & F Class LEDs deliver high
efficacy in the common 3030 footprint to applications that demand
long lifetimes and sulfur resistance.
FEATURES
• Industry‑compatible size : 3.0 x 3.0 x 0.75 mm
• 3‑V configurations
• Flux and chromaticity binned at 25 °C
• 6500 K–2700 K ANSI CCTs available for 70, 80 & 90 CRI
• RoHS compliant
• REACH compliant
• UL® recognized component (E495478)




Similar Part No. - JSERIES-JB3030C

ManufacturerPart #DatasheetDescription
logo
Cree LED
JSERIES-2016.GEN2 CREELED-JSERIES-2016.GEN2 Datasheet
1Mb / 31P
J Series® 2016 Gen 2 LEDs
REV 3
JSERIES-2835-3V-N-PD CREELED-JSERIES-2835-3V-N-PD Datasheet
4Mb / 27P
J Series® 2835 3‑V N Class Precision Dimming LED
REV 0
JSERIES-2835-3V-X CREELED-JSERIES-2835-3V-X Datasheet
1Mb / 26P
J Series® 2835B 3‑V X Class LEDs
REV 1
JSERIES-2835-COLOR CREELED-JSERIES-2835-COLOR Datasheet
3Mb / 91P
J Series® JE2835 Color LEDs
REV 2
JSERIES-2835-PHOTOPHYLL CREELED-JSERIES-2835-PHOTOPHYLL Datasheet
3Mb / 17P
J Series® 2835 Photophyll™ Select LEDs
REV 3
More results


Similar Description - JSERIES-JB3030C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
logo
Cooper Bussmann, Inc.
J60100-1STR COOPER-J60100-1STR Datasheet
160Kb / 2P
Class J Fuseblocks
J60060-1CR COOPER-J60060-1CR Datasheet
160Kb / 2P
Class J Fuseblocks
logo
Cree, Inc
JK283518-V CREE-JK283518-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 18-V LEDs
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
logo
Littelfuse
JLS LITTELFUSE-JLS_V01 Datasheet
330Kb / 3P
CLASS J ??JLS SERIES FUSES
Rev: 062617
logo
Cree, Inc
JE2835 CREE-JE2835 Datasheet
4Mb / 86P
J Series® JE2835 Color LEDs
REV 0
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com