Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX00069 Datasheet (PDF) - Arduino

ABX00069 Datasheet PDF - Arduino
Part # ABX00069
Download  ABX00069 Download
File Size   1620.71 Kbytes
Page   19 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano 33 BLE Sense Rev2

ABX00069 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX00069 Datasheet PDF - Arduino

Part # ABX00069
Download  ABX00069 Click to download

File Size   1620.71 Kbytes
Page   19 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® Nano 33 BLE Sense Rev2

ABX00069 Datasheet (HTML) - Arduino


ABX00069 Product details

Description
The Arduino® Nano 33 BLE Sense Rev2* is a miniature sized module containing a NINA B306 module, based on Nordic nRF52480 and containing an Arm® Cortex®-M4F. The BMI270 and BMM150 jointly provide a 9 axis IMU. The module can either be mounted as a DIP component (when mounting pin headers), or as a SMT component, directly soldering it via the castellated pads.
*The Nano 33 BLE Sense Rev2 product has two SKUs:
Without headers (ABX00069)
With headers (ABX00070)

Features
NINA B306 Module
Processor
64 MHz Arm® Cortex®-M4F (with FPU)
1 MB Flash + 256 kB RAM
Bluetooth® 5 multiprotocol radio
2 Mbps
CSA #2
Advertising Extensions
Long Range
+8 dBm TX power
-95 dBm sensitivity
4.8 mA in TX (0 dBm)
4.6 mA in RX (1 Mbps)
Integrated balun with 50 Ω single-ended output
IEEE 802.15.4 radio support
Thread
Zigbee
Peripherals
Full-speed 12 Mbps USB
NFC-A tag
Arm CryptoCell CC310 security subsystem
QSPI/SPI/TWI/I²S/PDM/QDEC
High speed 32 MHz SPI
Quad SPI interface 32 MHz
EasyDMA for all digital interfaces
12-bit 200 ksps ADC
128 bit AES/ECB/CCM/AAR co-processor
BMI270 6-axis IMU (Accelerometer and Gyroscope)
16-bit
3-axis accelerometer with ±2g/±4g/±8g/±16g range
3-axis gyroscope with ±125dps/±250dps/±500dps/±1000dps/±2000dps range
BMM150 3-axis IMU (Magnetometer)
3-axis digital geomagnetic sensor
0.3μT resolution
±1300μT (x,y-axis), ±2500μT (z-axis)
LPS22HB (Barometer and temperature sensor)
260 to 1260 hPa absolute pressure range with 24 bit precision
High overpressure capability: 20x full-scale
Embedded temperature compensation
16-bit temperature data output
1 Hz to 75 Hz output data rateInterrupt functions: Data Ready, FIFO flags, pressure thresholds
HS3003 Temperature & humidity sensor
0-100% relative humidity range
Humidity accuracy: ±1.5%RH, typical (HS3001, 10 to 90%RH,25°C)
Temperature sensor accuracy: ±0.1°C, typical
Up to 14-bit humidity and temperature output data
APDS-9960 (Digital proximity, Ambient light, RGB and Gesture Sensor)
Ambient Light and RGB Color Sensing with UV and IR blocking filters
Very high sensitivity – Ideally suited for operation behind dark glass
Proximity Sensing with Ambient light rejection
Complex Gesture Sensing
MP34DT06JTR (Digital Microphone)
AOP = 122.5 dbSPL
64 dB signal-to-noise ratio
Omnidirectional sensitivity
–26 dBFS ± 3 dB sensitivity
MP2322 DC-DC
Regulates input voltage from up to 21V with a minimum of 65% efficiency @minimum load
More than 85% efficiency @12V




Similar Part No. - ABX00069

ManufacturerPart #DatasheetDescription
logo
Arduino
ABX00061 ARDUINO-ABX00061 Datasheet
1Mb / 27P
Arduino® Nicla Voice
15/11/2024
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00063 ARDUINO-ABX00063 Datasheet
3Mb / 21P
GIGA R1 WiFi
19/05/2023
ABX00063 ARDUINO-ABX00063_V01 Datasheet
3Mb / 22P
Arduino® GIGA R1 WiFi
15/11/2024
More results


Similar Description - ABX00069

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WRL-13729 SPARKFUN-WRL-13729 Datasheet
156Kb / 2P
RedBearLab BLE Nano - nRF51822
11/16/2015
WRL-13730 SPARKFUN-WRL-13730 Datasheet
158Kb / 2P
RedBearLab BLE Nano Kit - nRF51822
11/16/2015
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00031 ARDUINO-ABX00031 Datasheet
487Kb / 14P
Arduino® Nano 33 BLE Sense
29/08/2023
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com