Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5366VR Datasheet (PDF) - Asahi Kasei Microsystems

AKD5366VR Datasheet PDF - Asahi Kasei Microsystems
Part # AKD5366VR
Download  AKD5366VR Download
File Size   315.78 Kbytes
Page   42 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24-Bit 48kHz ?誇 ADC with Selector/PGA/ALC

AKD5366VR Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD5366VR Datasheet PDF - Asahi Kasei Microsystems

Part # AKD5366VR
Download  AKD5366VR Click to download

File Size   315.78 Kbytes
Page   42 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24-Bit 48kHz ?誇 ADC with Selector/PGA/ALC

AKD5366VR Datasheet (HTML) - Asahi Kasei Microsystems


AKD5366VR Product details

GENERAL DESCRIPTION

AK5366VR is a high-performance 24-bit, 48kHz sampling ADC for consumer audio and digital recording applications. Thanks to AKM’s Enhanced Dual-Bit modulator architecture, this analog-to-digital converter has an impressive dynamic range of 103dB with a high level of integration. The AK5366VR has a 5-channel stereo input selector, an input Programmable Gain Amplifier with an ALC function. All this integration with high-performance makes the AK5366VR well suited for CD and DVD recording systems.



FEATURES

1. 24bit Stereo ADC

   • 5ch Stereo Inputs Selector

   • Input PGA from +18dB to 0dB, 0.5dB Step

   • Peak Hold Function

   • Auto Level Control (ALC) Circuit

   • Digital HPF for offset cancellation (fc=1.0Hz@fs=48kHz)

   • Digital Attenuator from +8dB to −63dB, Mute

   • Soft Mute

   • Single-end Inputs

   • S/(N+D) : 94dB

   • DR, S/N : 103dB

   • Audio I/F Format : 24bit MSB justified, I2S

2. 3-wire Serial µP Interface / I2C-Bus

3. Master / Slave Mode

4. Master Clock : 256fs/384fs/512fs

5. Sampling Rate : 32kHz to 48kHz

6. Power Supply

   • AVDD: 4.75 ∼ 5.25V (typ. 5.0V)

   • DVDD: 3.0 ∼ 5.25V (typ. 3.3V)

   • TVDD: 3.0 ∼ 5.25V for input tolerant (typ. 5.0V)

7. Ta = −40 ∼ 85°C

8. Package : 48pin LQFP (7mm x 7mm)



 




Similar Part No. - AKD5366VR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5366VR-A AKM-AKD5366VR-A Datasheet
1Mb / 32P
digital audio 24bit 48kHz A/D converter
More results


Similar Description - AKD5366VR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5366 AKM-AK5366 Datasheet
338Kb / 43P
24 BIT 48KHZ ADC WITH SELECTOR/PGA /ALC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
96kHz 24-Bit ?誇 ADC
AK5359 AKM-AK5359 Datasheet
137Kb / 18P
24-Bit 192kHz ?誇 ADC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
Low Power 20bit ?誇 ADC with PGA
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
96kHz 24-Bit ?誇 ADC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
96kHz 24-Bit ?誇 ADC
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
96kHz 24-Bit ?誇 ADC with 0V Bias Selector
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
96kHz 24-Bit ?誇 ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com