Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25P32 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25P32 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25P32
Download  EN25P32 Download
File Size   452.42 Kbytes
Page   34 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Mbit Uniform Sector, Serial Flash Memory

EN25P32 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25P32 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25P32
Download  EN25P32 Click to download

File Size   452.42 Kbytes
Page   34 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 32 Mbit Uniform Sector, Serial Flash Memory

EN25P32 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25P32 Product details

GENERAL DESCRIPTION
The EN25P32 is a 32M-bit (4096K-byte) Serial Flash memory, with advanced write protection
mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction. The EN25P32 is designed to allow either single Sector at a time or full chip erase operation. The EN25P32 can be configured to protect part of the memory as the software protected mode. The device can sustain a minimum of 100K program/erase cycles on each sector.

FEATURES
• Single power supply operation
   - Full voltage range: 2.7-3.6 volt
• 32 M-bit Serial Flash
   - 32 M-bit/4096 K-byte/16384 pages
   - 256 bytes per programmable page
• High performance
   - 100MHz clock rate
• Low power consumption
   - 5 mA typical active current
   - 1 μA typical power down current
• Uniform Sector Architecture:
   - Sixty four 64-Kbyte sectors
• Software and Hardware Write Protection:
   - Write Protect all or portion of memory via
      software
   - Enable/Disable protection with WP# pin




Similar Part No. - EN25P32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GC EON-EN25P05-100GC Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GCP EON-EN25P05-100GCP Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GI EON-EN25P05-100GI Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GIP EON-EN25P05-100GIP Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
More results


Similar Description - EN25P32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
1 Mbit Uniform Sector, Serial Flash Memory
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
2 Mbit Uniform Sector, Serial Flash Memory
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
8 Mbit Uniform Sector, Serial Flash Memory
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com