Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1064546 Datasheet (PDF) - PHOENIX CONTACT

1064546 Datasheet PDF - PHOENIX CONTACT
Part # 1064546
Download  1064546 Download
File Size   537.0 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-396/396-7035 - PCB connector

1064546 Datasheet (PDF)

Go To PDF Page Download Datasheet
1064546 Datasheet PDF - PHOENIX CONTACT

Part # 1064546
Download  1064546 Click to download

File Size   537.0 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-396/396-7035 - PCB connector

1064546 Datasheet (HTML) - PHOENIX CONTACT


1064546 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials:
6, number of rows: 2, number of positions: 6, number of connections: 6, product range: HSCPSP
1,5-.., pitch: 3.45 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 1,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
orange, white, blue/orange, white, blue




Similar Part No. - 1064546

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1064547 PHOENIX-1064547 Datasheet
536Kb / 12P
HSCP-SP 1,5-1U6-545/545-7035 - PCB connector
1064548 PHOENIX-1064548 Datasheet
536Kb / 12P
HSCP-SP 1,5-1U6-045/045-7035 - PCB connector
1064549 PHOENIX-1064549 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-000/000-7035 - PCB connector
More results


Similar Description - 1064546

ManufacturerPart #DatasheetDescription
logo
NEC
UPD161602A NEC-UPD161602A Datasheet
6Kb / 23P
360/396-OUTPUT TFT-LCD SOURCE DRIVER
logo
Littelfuse
39611000000 LITTELFUSE-39611000000 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
logo
API Technologies Corp
CMN674 APITECH-CMN674 Datasheet
79Kb / 1P
386/396 MHz Band Reject Filter
logo
Molex Electronics Ltd.
26-48-1053 MOLEX11-26-48-1053 Datasheet
55Kb / 2P
KK짰 396 PCB Breakaway Header, , Vertical, Polarizing Wall, 5 Circuits, Tin (Sn) Plating
26-48-1093 MOLEX11-26-48-1093 Datasheet
55Kb / 2P
KK짰 396 PCB Breakaway Header, , Vertical, Polarizing Wall, 9 Circuits, Tin (Sn) Plating
26-48-1113 MOLEX11-26-48-1113 Datasheet
55Kb / 2P
KK짰 396 PCB Breakaway Header, , Vertical, Polarizing Wall, 11 Circuits, Tin (Sn) Plating
41681-0001 MOLEX11-41681-0001 Datasheet
55Kb / 2P
KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 2 Circuits, 0.38um Gold KK짰 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 2 Circuits, 0.38關m Gold
logo
Adam Technologies, Inc.
MTC-XX-RT ADAM-TECH-MTC-XX-RT Datasheet
96Kb / 1P
WAFER 396 PITCH
logo
Artesyn Technologies
AVQ400-48S12B-4L ARTESYN-AVQ400-48S12B-4L Datasheet
546Kb / 3P
Total Power: 396 Watts
logo
PHOENIX CONTACT
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com