Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1064548 Datasheet (PDF) - PHOENIX CONTACT

1064548 Datasheet PDF - PHOENIX CONTACT
Part # 1064548
Download  1064548 Download
File Size   536.95 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-045/045-7035 - PCB connector

1064548 Datasheet (PDF)

Go To PDF Page Download Datasheet
1064548 Datasheet PDF - PHOENIX CONTACT

Part # 1064548
Download  1064548 Click to download

File Size   536.95 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-045/045-7035 - PCB connector

1064548 Datasheet (HTML) - PHOENIX CONTACT


1064548 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials:
6, number of rows: 2, number of positions: 6, number of connections: 6, product range: HSCPSP
1,5-.., pitch: 3.45 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 1,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
black, yellow, green/black, yellow, green




Similar Part No. - 1064548

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1064546 PHOENIX-1064546 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-396/396-7035 - PCB connector
1064547 PHOENIX-1064547 Datasheet
536Kb / 12P
HSCP-SP 1,5-1U6-545/545-7035 - PCB connector
1064549 PHOENIX-1064549 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-000/000-7035 - PCB connector
More results


Similar Description - 1064548

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-66471 ETC1-C-66471 Datasheet
41Kb / 1P
PIN CONTACT, CRIMPED, 0.062, .045 x .045 POST M SERIES
logo
TRIAD MAGNETICS
FS24-045 TRIAD-FS24-045 Datasheet
44Kb / 1P
FS24-045
logo
Molex Electronics Ltd.
008500401 MOLEX11-008500401 Datasheet
147Kb / 7P
KK.045 SQ PIN LOOSE
02-05-1105 MOLEX2-02-05-1105 Datasheet
176Kb / 2P
CRIMP TERMINAL, FEMALE FOR .045/(1.14) PINS 18-30 AWG WIRE
logo
Tyco Electronics
1744194-7 MACOM-1744194-7 Datasheet
138Kb / 1P
MTA-156 HEADER ASSEMBLY, FRICTION LOCK, STRAIGHT .045 SQUARE POST, TIN PLATED
641119 MACOM-641119 Datasheet
189Kb / 1P
MTA-156 HEADER ASSEMBLY, FRICTION LOCK, SRAIGHT, .045 SQUARE POST, .000015 GOLD
641208 MACOM-641208 Datasheet
187Kb / 1P
MTA-156 HEADER ASSEMBLY, FRICTION LOCK, STRAIGHT, .045 SQYARE POST, .000030 GOLD
logo
PHOENIX CONTACT
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
logo
TE Connectivity Ltd
644753 TEC-644753 Datasheet
135Kb / 1P
MTA-.156 HEADER ASSEMBLY, FRICTION LOCK, STRAIGHT 045 ROUND POST, TIN PLATED, SPECIAL
Rev. F1
logo
Molex Electronics Ltd.
026202031 MOLEX-026202031 Datasheet
162Kb / 1P
WAFER FLAT MOLDED KK 156 .045 DIAMETER PINS
98/10/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com