Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1064549 Datasheet (PDF) - PHOENIX CONTACT

1064549 Datasheet PDF - PHOENIX CONTACT
Part # 1064549
Download  1064549 Download
File Size   537.05 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-000/000-7035 - PCB connector

1064549 Datasheet (PDF)

Go To PDF Page Download Datasheet
1064549 Datasheet PDF - PHOENIX CONTACT

Part # 1064549
Download  1064549 Click to download

File Size   537.05 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-000/000-7035 - PCB connector

1064549 Datasheet (HTML) - PHOENIX CONTACT


1064549 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials:
6, number of rows: 2, number of positions: 6, number of connections: 6, product range: HSCPSP
1,5-.., pitch: 3.45 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 1,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
black




Similar Part No. - 1064549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1064546 PHOENIX-1064546 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-396/396-7035 - PCB connector
1064547 PHOENIX-1064547 Datasheet
536Kb / 12P
HSCP-SP 1,5-1U6-545/545-7035 - PCB connector
1064548 PHOENIX-1064548 Datasheet
536Kb / 12P
HSCP-SP 1,5-1U6-045/045-7035 - PCB connector
More results


Similar Description - 1064549

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
EC6528-000 MACOM-EC6528-000 Datasheet
56Kb / 1P
EC6528-000 Product Details
logo
Exxelia Group
ALSIC20G EXXELIA-ALSIC20G Datasheet
599Kb / 12P
8 000 h / 105°C
Revision 01/19
CUBISICHTLP EXXELIA-CUBISICHTLP Datasheet
119Kb / 3P
5 000 h / 125°C
Revision 04/22
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
10 000 h / 85°C
Revision 07/16
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
10 000 h / 85°C
Revision 01/19
SNAPSIC105-4P EXXELIA-SNAPSIC105-4P Datasheet
624Kb / 12P
8 000 h / 105°C
Revision 01/19
SNAPSIC105-LP EXXELIA-SNAPSIC105-LP Datasheet
597Kb / 12P
8 000 h / 105°C
Revision 01/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com