Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1064547 Datasheet (PDF) - PHOENIX CONTACT

1064547 Datasheet PDF - PHOENIX CONTACT
Part # 1064547
Download  1064547 Download
File Size   536.87 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-545/545-7035 - PCB connector

1064547 Datasheet (PDF)

Go To PDF Page Download Datasheet
1064547 Datasheet PDF - PHOENIX CONTACT

Part # 1064547
Download  1064547 Click to download

File Size   536.87 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-545/545-7035 - PCB connector

1064547 Datasheet (HTML) - PHOENIX CONTACT


1064547 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials:
6, number of rows: 2, number of positions: 6, number of connections: 6, product range: HSCPSP
1,5-.., pitch: 3.45 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 1,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
green, yellow, green/green, yellow, green




Similar Part No. - 1064547

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1064546 PHOENIX-1064546 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-396/396-7035 - PCB connector
1064548 PHOENIX-1064548 Datasheet
536Kb / 12P
HSCP-SP 1,5-1U6-045/045-7035 - PCB connector
1064549 PHOENIX-1064549 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-000/000-7035 - PCB connector
More results


Similar Description - 1064547

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
351401 ADELS-351401 Datasheet
114Kb / 1P
SMDflat 545/ 1
351402 ADELS-351402 Datasheet
115Kb / 1P
SMDflat 545/ 2
351402E ADELS-351402E Datasheet
115Kb / 1P
SMDflat 545/ 2 bridged
351403 ADELS-351403 Datasheet
116Kb / 1P
SMDflat 545/ 3
logo
Hubbell Incorporated.
YAE10N2BOX HUBBELL-YAE10N2BOX Datasheet
263Kb / 2P
Insulated Copper Terminal, 5/16, 1.386 in L, .545 in W, Tin Plated, 600 Volts Max.
logo
PHOENIX CONTACT
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
1849065 PHOENIX-1849065 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 4-STF-3,81
Jul 20, 2022
1849117 PHOENIX-1849117 Datasheet
698Kb / 17P
PCB connector - LPC 1,5/ 9-STF-3,81
Jul 20, 2022
logo
Henkel Korea Limited.
545 HENKEL-545 Datasheet
79Kb / 3P
545 provides the following product characteristics
May 2004
logo
PHOENIX CONTACT
1718135 PHOENIX-1718135 Datasheet
239Kb / 8P
QC 1,5/ 4-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com