Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT32A Datasheet (PDF) - STMicroelectronics

74VHCT32A Datasheet PDF - STMicroelectronics
Part # 74VHCT32A
Download  74VHCT32A Download
File Size   52.88 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT OR GATE

74VHCT32A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT32A Datasheet PDF - STMicroelectronics

Part # 74VHCT32A
Download  74VHCT32A Click to download

File Size   52.88 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT OR GATE

74VHCT32A Datasheet (HTML) - STMicroelectronics


74VHCT32A Product details

DESCRIPTION

The 74VHCT32A is an advanced high-speed CMOS QUAD 2-INPUT OR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. The internal circuit is composed of 3 stages including buffer output, which provides high noise immunity and stable output.



■ HIGH SPEED: tPD= 5 ns (TYP.) at VCC= 5V

■ LOW POWER DISSIPATION: ICC= 2 µA (MAX.) at TA=25°C

■ COMPATIBLE WITH TTL OUTPUTS: VIH= 2V (MIN.), VIL = 0.8V (MAX)

■ POWER DOWN PROTECTION ON INPUTS & OUTPUTS

■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL= 8 mA (MIN)

■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL

■ OPERATING VOLTAGE RANGE: VCC(OPR) = 4.5V to 5.5V

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 32

■ IMPROVED LATCH-UP IMMUNITY

■ LOW NOISE: VOLP= 0.8V (MAX.)



 




Similar Part No. - 74VHCT32A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT32A STMICROELECTRONICS-74VHCT32A Datasheet
219Kb / 11P
QUAD 2-INPUT OR GATE
16-Dec-2004
logo
Toshiba Semiconductor
74VHCT32AFT TOSHIBA-74VHCT32AFT Datasheet
153Kb / 7P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-23 Rev.3.0
logo
STMicroelectronics
74VHCT32AMTR STMICROELECTRONICS-74VHCT32AMTR Datasheet
219Kb / 11P
QUAD 2-INPUT OR GATE
16-Dec-2004
74VHCT32ATTR STMICROELECTRONICS-74VHCT32ATTR Datasheet
219Kb / 11P
QUAD 2-INPUT OR GATE
16-Dec-2004
74VHCT32A STMICROELECTRONICS-74VHCT32A_04 Datasheet
219Kb / 11P
QUAD 2-INPUT OR GATE
16-Dec-2004
More results


Similar Description - 74VHCT32A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com