Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT32A Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHCT32A
Description  QUAD 2-INPUT OR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT32A Datasheet(HTML) 2 Page - STMicroelectronics

  74VHCT32A Datasheet HTML 1Page - STMicroelectronics 74VHCT32A Datasheet HTML 2Page - STMicroelectronics 74VHCT32A Datasheet HTML 3Page - STMicroelectronics 74VHCT32A Datasheet HTML 4Page - STMicroelectronics 74VHCT32A Datasheet HTML 5Page - STMicroelectronics 74VHCT32A Datasheet HTML 6Page - STMicroelectronics 74VHCT32A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TRUTH TABLE
ABY
LL
L
LH
H
HL
H
HH
H
PIN DESCRIPTION
PI N No
SYMBOL
NAME AND FUNCT ION
1, 4, 9, 12
1A to 4A
Data Inputs
2, 5, 10, 13
1B to 4B
Data Inputs
3, 6, 8, 11
1Y to 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
INPUT EQUIVALENT CIRCUIT
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (see note 1)
0 to 5.5
V
VO
Output Voltage (see note 2)
0 to VCC
V
Top
Operating Temperature
-40 to +85
oC
dt/dv
Input Rise and Fall Time (see note 3) (VCC =5.0
± 0.5V)
0 to 20
ns/V
1) VCC =0V
2) High or Low State
3)VIN from0.8V to 2 V
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (see note 1)
-0.5 to +7.0
V
VO
DC Output Voltage (see note 2)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
1) VCC =0V
2) High or Low State
74VHCT32A
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com