Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT32A Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT32A
Description  QUAD 2-INPUT OR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT32A Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT32A Datasheet HTML 1Page - STMicroelectronics 74VHCT32A Datasheet HTML 2Page - STMicroelectronics 74VHCT32A Datasheet HTML 3Page - STMicroelectronics 74VHCT32A Datasheet HTML 4Page - STMicroelectronics 74VHCT32A Datasheet HTML 5Page - STMicroelectronics 74VHCT32A Datasheet HTML 6Page - STMicroelectronics 74VHCT32A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74VHCT32A
QUAD 2-INPUT OR GATE
PRELIMINARY DATA
®
August 1999
s
HIGH SPEED: tPD = 5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 32
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (Max.)
DESCRIPTION
The 74VHCT32A is an advanced high-speed
CMOS QUAD 2-INPUT OR GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
The internal circuit is composed of 2 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74VHCT32AM
74VHCT32AT
M
(Micro Package)
T
(TSSOP Package)
1/7


Similar Part No. - 74VHCT32A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT32A STMICROELECTRONICS-74VHCT32A Datasheet
219Kb / 11P
QUAD 2-INPUT OR GATE
16-Dec-2004
logo
Toshiba Semiconductor
74VHCT32AFT TOSHIBA-74VHCT32AFT Datasheet
153Kb / 7P
CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-23 Rev.3.0
logo
STMicroelectronics
74VHCT32AMTR STMICROELECTRONICS-74VHCT32AMTR Datasheet
219Kb / 11P
QUAD 2-INPUT OR GATE
16-Dec-2004
74VHCT32ATTR STMICROELECTRONICS-74VHCT32ATTR Datasheet
219Kb / 11P
QUAD 2-INPUT OR GATE
16-Dec-2004
74VHCT32A STMICROELECTRONICS-74VHCT32A_04 Datasheet
219Kb / 11P
QUAD 2-INPUT OR GATE
16-Dec-2004
More results

Similar Description - 74VHCT32A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com