Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT32A Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHCT32A
Description  QUAD 2-INPUT OR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT32A Datasheet(HTML) 4 Page - STMicroelectronics

  74VHCT32A Datasheet HTML 1Page - STMicroelectronics 74VHCT32A Datasheet HTML 2Page - STMicroelectronics 74VHCT32A Datasheet HTML 3Page - STMicroelectronics 74VHCT32A Datasheet HTML 4Page - STMicroelectronics 74VHCT32A Datasheet HTML 5Page - STMicroelectronics 74VHCT32A Datasheet HTML 6Page - STMicroelectronics 74VHCT32A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VOLP
Dynamic Low Voltage
Quiet Output (note 1, 2)
5.0
CL =50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High Voltage
Input (note 1, 3)
5.0
2.0
VILD
Dynamic Low Voltage
Input (note 1, 3)
5.0
0.8
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.0V, (n -1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to3.0V. Inputs under test switching: 3.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
TEST CIRCUIT
74VHCT32A
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com