Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0712233 Datasheet (PDF) - PHOENIX CONTACT

0712233 Datasheet PDF - PHOENIX CONTACT
Part # 0712233
Download  0712233 Download
File Size   1646.02 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TCP 3A - Thermal device circuit breaker

0712233 Datasheet (PDF)

Go To PDF Page Download Datasheet
0712233 Datasheet PDF - PHOENIX CONTACT

Part # 0712233
Download  0712233 Click to download

File Size   1646.02 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TCP 3A - Thermal device circuit breaker

0712233 Datasheet (HTML) - PHOENIX CONTACT


0712233 Product details

1-channel thermal device circuit breaker for protecting loads at 250 V AC / 72 V DC in the event
of an overload. For installation on fuse terminal blocks and interfaces for flat plug-in fuse of type
C according to standard ISO 8820-3. With fixed nominal current: 3 A




Similar Part No. - 0712233

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0712233 PHOENIX-0712233 Datasheet
175Kb / 3P
Thermal Circuit Breaker
11/2006
More results


Similar Description - 0712233

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0700025 PHOENIX-0700025 Datasheet
413Kb / 4P
Thermal device circuit breaker - TCP 25/DC32V
12/09/2015
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
Thermal device circuit breaker - TCP 0.1A
15.05.2012
0900317 PHOENIX-0900317 Datasheet
74Kb / 4P
Electronic device circuit breaker - ECP-E 3A
09.11.2012
0912043 PHOENIX-0912043 Datasheet
59Kb / 4P
Electronic device circuit breaker - ECP-E3 3A
08/01/2016
2800849 PHOENIX-2800849 Datasheet
113Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 3A M1P
18.01.2013
2800882 PHOENIX-2800882 Datasheet
108Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 3A M1P
18.01.2013
2800893 PHOENIX-2800893 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 3A F1P
18.01.2013
1324401 PHOENIX-1324401 Datasheet
248Kb / 7P
Thermal device circuit breaker - TCP 10/20A
Nov 7, 2022
1324402 PHOENIX-1324402 Datasheet
247Kb / 7P
Thermal device circuit breaker - TCP 10/16A
Nov 7, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com