Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4465 Datasheet (PDF) - ON Semiconductor

FDS4465 Datasheet PDF - ON Semiconductor
Part # FDS4465
Download  FDS4465 Download
File Size   375.34 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel 1.8V Specified PowerTrench® MOSFET

FDS4465 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS4465 Datasheet PDF - ON Semiconductor

Part # FDS4465
Download  FDS4465 Click to download

File Size   375.34 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel 1.8V Specified PowerTrench® MOSFET

FDS4465 Datasheet (HTML) - ON Semiconductor


FDS4465 Product details

General Description
This P-Channel 1.8V specified MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications with a wide range of gate drive voltage (1.8V – 8V).

Applications
• Power management
• Load switch
• Battery protection

Features
• –13.5 A, –20 V. RDS(ON) = 8.5 mΩ @ VGS = –4.5 V
RDS(ON) = 10.5 mΩ @ VGS = –2.5 V
RDS(ON) = 14 mΩ @ VGS = –1.8 V
• Fast switching speed
• High performance trench technology for extremely low RDS(ON)
• High current and power handling capability




Similar Part No. - FDS4465

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4465 FAIRCHILD-FDS4465 Datasheet
137Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
FDS4465 FAIRCHILD-FDS4465 Datasheet
371Kb / 5P
P-Channel 1.8V Specified PowerTrench??MOSFET
logo
ON Semiconductor
FDS4465-F085 ONSEMI-FDS4465-F085 Datasheet
499Kb / 6P
P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 2
logo
VBsemi Electronics Co.,...
FDS4465-NL VBSEMI-FDS4465-NL Datasheet
995Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - FDS4465

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
P-Channel 1.8V Specified PowerTrench??MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com