Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4465 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDS4465
Description  P-Channel 1.8V Specified PowerTrench® MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS4465 Datasheet(HTML) 2 Page - ON Semiconductor

  FDS4465 Datasheet HTML 1Page - ON Semiconductor FDS4465 Datasheet HTML 2Page - ON Semiconductor FDS4465 Datasheet HTML 3Page - ON Semiconductor FDS4465 Datasheet HTML 4Page - ON Semiconductor FDS4465 Datasheet HTML 5Page - ON Semiconductor FDS4465 Datasheet HTML 6Page - ON Semiconductor FDS4465 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2012 Fairchild Semiconductor Corporation
FDS4465 Rev C3 (W)
FDS4465
P-Channel 1.8V Specified PowerTrench
 MOSFET
General Description
This P-Channel 1.8V specified MOSFET is a rugged
gate version of Fairchild Semiconductor’s advanced
PowerTrench process. It has been optimized for power
management applications with a wide range of gate
drive voltage (1.8V – 8V).
Applications
• Power management
• Load switch
• Battery protection
Features
• –13.5 A, –20 V. R
DS(ON) = 8.5 m
Ω @ V
GS = –4.5 V
RDS(ON) = 10.5 m
Ω @ V
GS = –2.5 V
RDS(ON) = 14 m
Ω @ V
GS = –1.8 V
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
• High current and power handling capability
S
D
S
S
SO-8
D
D
D
G
D
D
D
D
S
S
S
G
Pin 1
SO-8
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current
– Continuous
(Note 1a)
–13.5
A
– Pulsed
–50
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.5
PD
(Note 1c)
1.2
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1c)
125
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS4465
FDS4465
13’’
12mm
2500 units
September 2014



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com