Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54821 Datasheet (PDF) - Texas Instruments

TPS54821 Datasheet PDF - Texas Instruments
Part # TPS54821
Download  TPS54821 Download
File Size   1215.28 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup

TPS54821 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54821 Datasheet PDF - Texas Instruments

Part # TPS54821
Download  TPS54821 Click to download

File Size   1215.28 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup

TPS54821 Datasheet (HTML) - Texas Instruments


TPS54821 Product details

1 Features
1• Integrated 26 mΩ / 19 mΩ MOSFETs
• Split Power Rail: 1.6 V to 17 V on PVIN
• 200 kHz to 1.6 MHz Switching Frequency
• Synchronizes to External Clock
• 0.6V ±1% Voltage Reference Over Temperature
• Low 2 μA Shutdown Quiescent Current
• Monotonic Start-Up into Pre-biased Outputs
• Adjustable Slow Start/Power Sequencing
• Power Good Output Monitor for Undervoltage and
Overvoltage
• Adjustable Input Undervoltage Lockout
• Software Tools Available

2 Applications
• Digital TV Power Supplies
• Set Top Boxes
• Blu-ray DVDs
• Home Terminals
• High Performance Point of Load Regulation

3 Description
The TPS54821 in thermally enhanced 3.5 mm x 3.5
mm QFN package is a full featured 17 V, 8 A
synchronous step down converter which is optimized
for small designs through high efficiency and
integrating the high-side and low-side MOSFETs.
Further space savings are achieved through current
mode control, which reduces component count, and
by selecting a high switching frequency, reducing the
inductor's footprint.
The output voltage startup ramp is controlled by the
SS/TR pin which allows operation as either a stand
alone power supply or in tracking situations. Power
sequencing is also possible by correctly configuring
the enable and the open drain power good pins.
Cycle by cycle current limiting on the high-side FET
protects the device in overload situations and is
enhanced by a low-side sourcing current limit which
prevents current runaway. There is also a low-side
sinking current limit which turns off the low-side
MOSFET to prevent excessive reverse current.
Hiccup protection will be triggered if the overcurrent
condition has persisted for longer than the preset
time. Thermal hiccup protection disables the device
when the die temperature exceeds the thermal
shutdown temperature and enables the part again
after the built-in thermal shutdown hiccup time.




Similar Part No. - TPS54821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821RHLR TI1-TPS54821RHLR Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821RHLR TI1-TPS54821RHLR Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54821RHLT TI1-TPS54821RHLT Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821RHLT TI1-TPS54821RHLT Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Similar Description - TPS54821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54622 TI-TPS54622_15 Datasheet
1Mb / 41P
TPS54622 4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT??Converter With Hiccup Protection
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com