Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1880708 Datasheet (PDF) - PHOENIX CONTACT

1880708 Datasheet PDF - PHOENIX CONTACT
Part # 1880708
Download  1880708 Download
File Size   211.47 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-G-3,81 GY - PCB header

1880708 Datasheet (PDF)

Go To PDF Page Download Datasheet
1880708 Datasheet PDF - PHOENIX CONTACT

Part # 1880708
Download  1880708 Click to download

File Size   211.47 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-G-3,81 GY - PCB header

1880708 Datasheet (HTML) - PHOENIX CONTACT


1880708 Product details

PCB headers, nominal cross section: 1.5 mm2, color: gray, nominal current: 8 A, contact surface:
Sn, contact connection type: Pin, number of potentials: 5, number of rows: 1, number of
positions: 5, number of connections: 5, product range: MC 1,5/..-G, pitch: 3.81 mm, mounting:
Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm, number of solder pins per
potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern alignment: Standard,
locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1880708

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
188070 FESTO-188070 Datasheet
93Kb / 1P
Short-stroke cylinder
More results


Similar Description - 1880708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803280 PHOENIX-1803280 Datasheet
147Kb / 5P
MC 1,5/ 3-G-3,81
1803293 PHOENIX-1803293 Datasheet
147Kb / 5P
MC 1,5/ 4-G-3,81
1803358 PHOENIX-1803358 Datasheet
147Kb / 5P
MC 1,5/10-G-3,81
1803374 PHOENIX-1803374 Datasheet
147Kb / 5P
MC 1,5/12-G-3,81
1803387 PHOENIX-1803387 Datasheet
147Kb / 5P
MC 1,5/13-G-3,81
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1011090 PHOENIX-1011090 Datasheet
803Kb / 16P
PCB header - MC 1,5/ 5-G-3,81 P26 THRR44
Jan 10, 2023
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1782381 PHOENIX-1782381 Datasheet
630Kb / 11P
MC 1,5/ 5-G-3,81 P14 THR - PCB header
1782433 PHOENIX-1782433 Datasheet
625Kb / 11P
MC 1,5/10-G-3,81 P14 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com