Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1880708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1880708
Description  MC 1,5/ 5-G-3,81 GY - PCB header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1880708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1880708 Datasheet HTML 1Page - PHOENIX CONTACT 1880708 Datasheet HTML 2Page - PHOENIX CONTACT 1880708 Datasheet HTML 3Page - PHOENIX CONTACT 1880708 Datasheet HTML 4Page - PHOENIX CONTACT 1880708 Datasheet HTML 5Page - PHOENIX CONTACT 1880708 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 1.5 mm2, color: gray, nominal current: 8 A, contact surface:
Sn, contact connection type: Pin, number of potentials: 5, number of rows: 1, number of
positions: 5, number of connections: 5, product range: MC 1,5/..-G, pitch: 3.81 mm, mounting:
Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm, number of solder pins per
potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern alignment: Standard,
locking: without, mounting method: without, type of packaging: packed in cardboard
Your advantages
Well-known mounting principle allows worldwide use
•
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Commercial data
Item number
1880708
Packing unit
250 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA02
Product key
AABSBA
GTIN
4017918314255
Weight per piece (including packing)
1.29 g
Weight per piece (excluding packing)
1.29 g
Customs tariff number
85366930
Country of origin
DE
MC 1,5/ 5-G-3,81 GY - PCB header
1880708
https://www.phoenixcontact.com/us/products/1880708
Dec 1, 2025, 12:55AM
Page 1 (6)


Similar Part No. - 1880708

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
188070 FESTO-188070 Datasheet
93Kb / 1P
Short-stroke cylinder
More results

Similar Description - 1880708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803280 PHOENIX-1803280 Datasheet
147Kb / 5P
MC 1,5/ 3-G-3,81
1803293 PHOENIX-1803293 Datasheet
147Kb / 5P
MC 1,5/ 4-G-3,81
1803358 PHOENIX-1803358 Datasheet
147Kb / 5P
MC 1,5/10-G-3,81
1803374 PHOENIX-1803374 Datasheet
147Kb / 5P
MC 1,5/12-G-3,81
1803387 PHOENIX-1803387 Datasheet
147Kb / 5P
MC 1,5/13-G-3,81
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1011090 PHOENIX-1011090 Datasheet
803Kb / 16P
PCB header - MC 1,5/ 5-G-3,81 P26 THRR44
Jan 10, 2023
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1782381 PHOENIX-1782381 Datasheet
630Kb / 11P
MC 1,5/ 5-G-3,81 P14 THR - PCB header
1782433 PHOENIX-1782433 Datasheet
625Kb / 11P
MC 1,5/10-G-3,81 P14 THR - PCB header
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com