Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1880708 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1880708
Description  MC 1,5/ 5-G-3,81 GY - PCB header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1880708 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1880708 Datasheet HTML 1Page - PHOENIX CONTACT 1880708 Datasheet HTML 2Page - PHOENIX CONTACT 1880708 Datasheet HTML 3Page - PHOENIX CONTACT 1880708 Datasheet HTML 4Page - PHOENIX CONTACT 1880708 Datasheet HTML 5Page - PHOENIX CONTACT 1880708 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1880708
CSA
Approval ID: 13631
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
B
300 V
8 A
-
-
D
300 V
8 A
-
-
cULus Recognized
Approval ID: E60425-20110128
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
B
300 V
8 A
-
-
D
300 V
8 A
-
-
VDE approval of drawings
Approval ID: 40011723
VDE approval of drawings
Approval ID: 40011723
MC 1,5/ 5-G-3,81 GY - PCB header
1880708
https://www.phoenixcontact.com/us/products/1880708
Dec 1, 2025, 12:55AM
Page 4 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com