Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1880708 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1880708
Description  MC 1,5/ 5-G-3,81 GY - PCB header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1880708 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1880708 Datasheet HTML 1Page - PHOENIX CONTACT 1880708 Datasheet HTML 2Page - PHOENIX CONTACT 1880708 Datasheet HTML 3Page - PHOENIX CONTACT 1880708 Datasheet HTML 4Page - PHOENIX CONTACT 1880708 Datasheet HTML 5Page - PHOENIX CONTACT 1880708 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Dimensions
Dimensional drawing
Pitch
3.81 mm
Width [w]
20.44 mm
Height [h]
10.75 mm
Length [l]
9.2 mm
Installed height
7.25 mm
Solder pin length [P]
3.4 mm
Pin dimensions
0.8 x 0.8 mm
PCB design
Hole diameter
1.2 mm
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C (dependent on the derating curve)
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Relative humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 100 °C
Packaging specifications
Type of packaging
packed in cardboard
MC 1,5/ 5-G-3,81 GY - PCB header
1880708
https://www.phoenixcontact.com/us/products/1880708
Dec 1, 2025, 12:55AM
Page 3 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com